Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2377-18 Datasheet (PDF) - Linear Technology

LTC2377-18 Datasheet PDF - Linear Technology
Part # LTC2377-18_15
Download  LTC2377-18 Download
File Size   582.28 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR

LTC2377-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2377-18 Datasheet PDF - Linear Technology

Part # LTC2377-18_15
Download  LTC2377-18 Click to download

File Size   582.28 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR

LTC2377-18 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC2377-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2377-18 LINER-LTC2377-18 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2377-18 LINER-LTC2377-18 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LTC2377-18 LINER-LTC2377-18 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC2377-18 LINER-LTC2377-18 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2377-18 LINER-LTC2377-18 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results


Similar Description - LTC2377-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2379-18 LINER-LTC2379-18 Datasheet
415Kb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101dB SNR
LTC2379-18 LINER-LTC2379-18_11 Datasheet
3Mb / 24P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2379-18 LINER-LTC2379-18_15 Datasheet
511Kb / 26P
18-Bit, 1.6Msps, Low Power SAR ADC with 101.2dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2372-18 LINER-LTC2372-18_15 Datasheet
1Mb / 50P
18-Bit, 500ksps, 8-Channel SAR ADC with 100dB SNR
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com