Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2378-18 Datasheet (PDF) - Linear Technology

LTC2378-18 Datasheet PDF - Linear Technology
Part # LTC2378-18_15
Download  LTC2378-18 Download
File Size   2081.08 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR

LTC2378-18 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2378-18 Datasheet PDF - Linear Technology

Part # LTC2378-18_15
Download  LTC2378-18 Click to download

File Size   2081.08 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR

LTC2378-18 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC2378-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-18 LINER-LTC2378-18 Datasheet
893Kb / 24P
18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2378-18 LINER-LTC2378-18 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LTC2378-18 LINER-LTC2378-18 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC2378-18 LINER-LTC2378-18 Datasheet
999Kb / 26P
16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2378-18 LINER-LTC2378-18 Datasheet
992Kb / 26P
16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results


Similar Description - LTC2378-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com