Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCO-7S Datasheet (PDF) - QUARTZCOM the communications company

MCO-7S Datasheet PDF - QUARTZCOM the communications company
Part # MCO-7S
Download  MCO-7S Download
File Size   125.49 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description Sub miniature package: 2.0 x 1.6 x 1.0 mm Frequency from 0.75 MHz up to 80 MHz

MCO-7S Datasheet (PDF)

Go To PDF Page Download Datasheet
MCO-7S Datasheet PDF - QUARTZCOM the communications company

Part # MCO-7S
Download  MCO-7S Click to download

File Size   125.49 Kbytes
Page   1 Pages
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Description Sub miniature package: 2.0 x 1.6 x 1.0 mm Frequency from 0.75 MHz up to 80 MHz

MCO-7S Datasheet (HTML) - QUARTZCOM the communications company




Similar Part No. - MCO-7S

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-7025H-HP QUARTZCOM-MCO-7025H-HP Datasheet
89Kb / 1P
High precision thru-hole Clock Oscillator HCMOS / TTL
MCO-7025H3HP QUARTZCOM-MCO-7025H3HP Datasheet
89Kb / 1P
High precision thru-hole Clock Oscillator HCMOS / TTL
MCO-7025H5HP QUARTZCOM-MCO-7025H5HP Datasheet
89Kb / 1P
High precision thru-hole Clock Oscillator HCMOS / TTL
MCO-7050H QUARTZCOM-MCO-7050H Datasheet
89Kb / 1P
Thru-hole Clock Oscillator HCMOS / TTL
MCO-7050H3 QUARTZCOM-MCO-7050H3 Datasheet
89Kb / 1P
Thru-hole Clock Oscillator HCMOS / TTL
More results


Similar Description - MCO-7S

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVD1 VECTRON-VVD1 Datasheet
156Kb / 2P
SMD VCXO, Package: 14.4 mm x 9.6 mm x 5.5 mm SMD, Frequency Range: 1.0 MHz to 160.0 MHz
logo
TAITIEN ELECTRONICS CO....
XO-0169-PZ-U TAITIEN-XO-0169-PZ-U Datasheet
418Kb / 1P
FASTXO 2.0 x 1.6 mm SMD XO Frequency up to 200MHz
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Fox Electronics
T1CN FOX-T1CN Datasheet
197Kb / 2P
2.0 x 1.6 mm TCXO / VCTCXO
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
TCFL161010MF TRANSKO-TCFL161010MF Datasheet
423Kb / 1P
Ferrite Shielded Inductor SMD (1.6 x 1.0 x 1.0 mm)
Rev 1: Nov. 10 2017
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TPQH201610TF-R TRANSKO-TPQH201610TF-R Datasheet
686Kb / 3P
Power Inductor SMD (2.0 X 1.6 X 1.0 mm)
Rev 1: 09-18-2018
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com