Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2133-G Datasheet (PDF) - Marktech Corporate

MT2133-G Datasheet PDF - Marktech Corporate
Part # MT2133-G
Download  MT2133-G Download
File Size   38.4 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Standard 10mm LEDs

MT2133-G Datasheet (PDF)

Go To PDF Page Download Datasheet
MT2133-G Datasheet PDF - Marktech Corporate

Part # MT2133-G
Download  MT2133-G Click to download

File Size   38.4 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Standard 10mm LEDs

MT2133-G Datasheet (HTML) - Marktech Corporate


MT2133-G Product details

FEATURES

• Excellent on/off contrasts

• Solid state reliability

• Choice of color or white diffused lens

• Other colors/materials available




Similar Part No. - MT2133-G

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 MICROTUNE-MT2131 Datasheet
71Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Similar Description - MT2133-G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT1152-RG MARKTECH-MT1152-RG Datasheet
31Kb / 1P
Marktech Rectangular 2x5mm LEDs
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
Marktech Standard 5mm White Diff. & Water Clear LEDs
MT7133-UR MARKTECH-MT7133-UR Datasheet
35Kb / 1P
Marktech 10mm Ultra Bright LEDs
MTSM135K-RG MARKTECH-MTSM135K-RG Datasheet
44Kb / 1P
Marktech 1210 SMT LEDs
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
Marktech 3 Leaded 10mm Bi−Color LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
Marktech 1206 SMT LEDs
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
Marktech 0805 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
Marktech 0603 SMT LEDs
logo
OptoSupply Internationa...
OSV5YLA131A OPTOSUPPLY-OSV5YLA131A Datasheet
103Kb / 2P
10mm Round Violet LED 10mm Round Standard Directivity High Luminous LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com