Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT4403-HR Datasheet (PDF) - Marktech Corporate

MT4403-HR Datasheet PDF - Marktech Corporate
Part # MT4403-HR
Download  MT4403-HR Download
File Size   38.05 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Standard 5mm Tinted & Colored Diff. LEDs

MT4403-HR Datasheet (PDF)

Go To PDF Page Download Datasheet
MT4403-HR Datasheet PDF - Marktech Corporate

Part # MT4403-HR
Download  MT4403-HR Click to download

File Size   38.05 Kbytes
Page   1 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Marktech Standard 5mm Tinted & Colored Diff. LEDs

MT4403-HR Datasheet (HTML) - Marktech Corporate


MT4403-HR Product details

Features

  Choice of lens color

  Low drive current

  Can be packaged on tape in a reel or in a box

  Excellent on/off contrasts



 




Similar Part No. - MT4403-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT440-G MARKTECH-MT440-G Datasheet
48Kb / 1P
LOW PROFILE T-1 3/4 LED LAMPS
MT440-HR MARKTECH-MT440-HR Datasheet
48Kb / 1P
LOW PROFILE T-1 3/4 LED LAMPS
MT440-O MARKTECH-MT440-O Datasheet
48Kb / 1P
LOW PROFILE T-1 3/4 LED LAMPS
MT440-UG MARKTECH-MT440-UG Datasheet
48Kb / 1P
LOW PROFILE T-1 3/4 LED LAMPS
MT440-UR MARKTECH-MT440-UR Datasheet
48Kb / 1P
LOW PROFILE T-1 3/4 LED LAMPS
More results


Similar Description - MT4403-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
Marktech Standard 10mm LEDs
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
Marktech Standard 5mm White Diff. & Water Clear LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
Marktech 5mm Ultra Bright Y G LEDs
MT2118-GSB MARKTECH-MT2118-GSB Datasheet
32Kb / 1P
Marktech Standard 5mm w/Standoffs
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
Marktech Low Current 5mm LEDs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
Marktech 5mm Tapered 20 Ultra Bright LEDs
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
Marktech RT Angle Quad PCB MT 5mm LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
Marktech Low Current 5mm LEDs
MT5491-HRG MARKTECH-MT5491-HRG Datasheet
42Kb / 2P
Marktech 2 Leaded 5mm Tri−State LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com