| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
2SA2112
|
576Kb / 7P |
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013 |
|
2SA2125
|
325Kb / 1P |
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013 |
|
2SA2127
|
462Kb / 9P |
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
September, 2013 |
|
2SA2153
|
325Kb / 6P |
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013 |
|
2SA2186
|
584Kb / 7P |
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013 |
|
2SB1122
|
81Kb / 4P |
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013 |
|
50C02SS
|
515Kb / 7P |
Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP
August, 2013 |
|
CPH3116
|
631Kb / 7P |
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013 |
|
MCH3145
|
436Kb / 8P |
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013 |
|
MCH6123
|
510Kb / 6P |
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013 |