Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN7519A Datasheet (PDF) - ON Semiconductor

EN7519A Datasheet PDF - ON Semiconductor
Part # EN7519A
Download  EN7519A Download
File Size   515.6 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP

EN7519A Datasheet (PDF)

Go To PDF Page Download Datasheet
EN7519A Datasheet PDF - ON Semiconductor

Part # EN7519A
Download  EN7519A Click to download

File Size   515.6 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 50V, 0.4A, Low VCE(sat) NPN Single SSFP

EN7519A Datasheet (HTML) - ON Semiconductor


EN7519A Product details

Bipolar Transistor
50V, 0.4A, Low VCE(sat) NPN Single SSFP

Features
• Large current capacity
• Low collector-to-emitter saturation voltage (resistance) : RCE(sat) typ=175mΩ[IC=0.5A, IB=50mA]
• Ultrasmall package facilitates miniaturization in end products
• Small ON-resistance (Ron)

Applications
• Low-frequency Amplifer, high-speed switching small motor drive, muting circuit




Similar Part No. - EN7519A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN7504A SANYO-EN7504A Datasheet
411Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
EN7504A ONSEMI-EN7504A Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
logo
Sanyo Semicon Device
EN7505A SANYO-EN7505A Datasheet
413Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
logo
ON Semiconductor
EN7505A ONSEMI-EN7505A Datasheet
309Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCP
August, 2013
logo
Sanyo Semicon Device
EN7508A SANYO-EN7508A Datasheet
514Kb / 6P
Low-Frequency General-Purpose Amplifier Applications
More results


Similar Description - EN7519A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15C01SS ONSEMI-15C01SS Datasheet
507Kb / 6P
Bipolar Transistor 15V, 0.6A, Low VCE(sat) NPN Single SSFP Large current capacity
August, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
50C02CH-TL-E ONSEMI-50C02CH-TL-E Datasheet
591Kb / 7P
Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single CPH3
August, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
MCH6544 ONSEMI-MCH6544 Datasheet
532Kb / 7P
Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com