Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ENA1901A Datasheet (PDF) - ON Semiconductor

ENA1901A Datasheet PDF - ON Semiconductor
Part # ENA1901A
Download  ENA1901A Download
File Size   205.26 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Multi-Power Supply System IC for Car Audio Systems

ENA1901A Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA1901A Datasheet PDF - ON Semiconductor

Part # ENA1901A
Download  ENA1901A Click to download

File Size   205.26 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Multi-Power Supply System IC for Car Audio Systems

ENA1901A Datasheet (HTML) - ON Semiconductor


ENA1901A Product details

Overview
The LV56801P is a multi-power supply system IC that provides four regulator outputs and two high side switches as well as a number of protection functions including overcurrent protection, overvoltage protection and overheat protection. It is an optimal power supply IC for car audio and car entertainment systems and similar products.

Features
• Four regulator output systems
   For microcontroller: 3.3V output voltage, 200mA maximum output current
   For CD drive: 8.0V output voltage, 1300mA maximum output current
   For illumination: 8 to 12V output voltage (output can be set with external resistors), 300mA maximum output current
   For audio systems: 8 to 9V output voltage (output voltage can be set with external resistors), 300mA maximum output current
• Two VCC-linked high side switch systems
EXT: 350mA maximum output current, 0.5V voltage difference between input and output.
ANT: 300mA maximum output current, 0.5V voltage difference between input and output.
• Two VDD 3.3V-linked high side switch systems
   SW5V: 200mA maximum output current, 0.25V voltage difference between input and output.
   ACC (accessory voltage detection output): 100mA maximum output current, 0.25V voltage difference between input and output.
• Overcurrent protection function
• Overvoltage protection function, typ 21V (excluding VDD 3.3V output)
• Overheat protection function, typ 175ºC
• On-chip accessory voltage detection circuit
• P-channel LDMOS used for power output block

CAUTION)
The protection functions are provided in order to improve the ability of the ICs to withstand breakdown, and they are not intended to guarantee safety when used under conditions outside the safe operating area or rated operating conditions. Use of the ICs under any conditions exceeding the safe operating area or above the IOmax, and especially use in overcurrent protection areas or under conditions in which they are subject to thermal protection, may reduce their reliability and result in permanent breakdown.




Similar Part No. - ENA1901A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1902A ONSEMI-ENA1902A Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
ENA1903 SANYO-ENA1903 Datasheet
392Kb / 5P
General-Purpose Switching Device Applications
ENA1903A SANYO-ENA1903A Datasheet
493Kb / 7P
General-Purpose Switching Device Applications
ENA1905A SANYO-ENA1905A Datasheet
557Kb / 7P
General-Purpose Switching Device Applications
ENA1907A SANYO-ENA1907A Datasheet
385Kb / 7P
General-Purpose Switching Device Applications
More results


Similar Description - ENA1901A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5680P SANYO-LV5680P Datasheet
236Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV5681P SANYO-LV5681P Datasheet
246Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5692P SANYO-LV5692P Datasheet
308Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5695P SANYO-LV5695P Datasheet
300Kb / 13P
For Car Audio Systems Multi-Power Supply System IC
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
logo
ON Semiconductor
LV5693P-E ONSEMI-LV5693P-E Datasheet
273Kb / 15P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5680NPVC-XH ONSEMI-LV5680NPVC-XH Datasheet
292Kb / 13P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5692P-E ONSEMI-LV5692P-E Datasheet
266Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
LV5681P ONSEMI-LV5681P Datasheet
219Kb / 14P
Multi-Power Supply System IC for Car Audio Systems
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com