| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
LP5907_1212
|
1Mb / 21P |
ULTRA LOW NOISE, 250-mA LINEAR REGULATOR FOR RF AND ANALOG CIRCUITS
|
 ON Semiconductor |
NCP161
|
733Kb / 19P |
450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5 |
|
NCP161
|
731Kb / 19P |
450 mA, Ultra-Low Noise and High PSRR LDO Regulator
August, 2016 ??Rev. 7 |
|
NCP163
|
469Kb / 13P |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator
October, 2016 ??Rev. 0 |
|
NCP148
|
578Kb / 12P |
Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0 |
|
NCV8163
|
696Kb / 16P |
250 mA, Ultra-Low Noise and High PSRR LDO Regulator
April, 2018 ??Rev. 2 |
 Will Semiconductor Ltd. |
WL2863D
|
823Kb / 10P |
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
|
|
WL2863E
|
900Kb / 13P |
Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
|
 ON Semiconductor |
NCP167
|
442Kb / 13P |
LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3 |
|
NCV8165
|
328Kb / 10P |
LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1 |