Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS60100DMT Datasheet (PDF) - ON Semiconductor

NSS60100DMT Datasheet PDF - ON Semiconductor
Part # NSS60100DMT
Download  NSS60100DMT Download
File Size   117.77 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60 V, 1 A, Low VCE(sat) PNP Transistors

NSS60100DMT Datasheet (PDF)

Go To PDF Page Download Datasheet
NSS60100DMT Datasheet PDF - ON Semiconductor

Part # NSS60100DMT
Download  NSS60100DMT Click to download

File Size   117.77 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 60 V, 1 A, Low VCE(sat) PNP Transistors

NSS60100DMT Datasheet (HTML) - ON Semiconductor




Similar Part No. - NSS60100DMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T1G ONSEMI-NSS60101DMR6T1G Datasheet
238Kb / 7P
Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMR6T2G ONSEMI-NSS60101DMR6T2G Datasheet
238Kb / 7P
Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
96Kb / 6P
NPN Transistors
July, 2016 ??Rev. 2
More results


Similar Description - NSS60100DMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS12100XV6T1G ONSEMI-NSS12100XV6T1G Datasheet
100Kb / 5P
12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0
NSS60600MZ4T1G ONSEMI-NSS60600MZ4T1G Datasheet
87Kb / 5P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1
NSS12100M3T5G ONSEMI-NSS12100M3T5G Datasheet
87Kb / 5P
12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0
NSS60200LT1G ONSEMI-NSS60200LT1G Datasheet
132Kb / 5P
60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60600MZ4 ONSEMI-NSS60600MZ4 Datasheet
114Kb / 5P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2
NSV60600MZ4T1G ONSEMI-NSV60600MZ4T1G Datasheet
142Kb / 6P
60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3
NSV60200LT1G ONSEMI-NSV60200LT1G Datasheet
132Kb / 5P
60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1
NSS60101DMT ONSEMI-NSS60101DMT Datasheet
110Kb / 6P
60 V, 1 A, Low VCE(sat) NPN Transistors
January, 2015 ??Rev. 1
NSS60200L ONSEMI-NSS60200L_15 Datasheet
71Kb / 5P
60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2
NSS60101DMR6 ONSEMI-NSS60101DMR6 Datasheet
238Kb / 7P
Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com