| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NSS60600MZ4T1G
|
87Kb / 5P |
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2007 - Rev. 1 |
|
NSS60601MZ4
|
111Kb / 5P |
60 V, 6.0 A, Low VCE(sat) NPN Transistor
September, 2007 - Rev. 0 |
|
NSS60200LT1G
|
132Kb / 5P |
60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 1 |
|
NSS60201LT1G
|
81Kb / 5P |
60 V, 4.0 A, Low VCE(sat) NPN Transistor
December, 2007 - Rev. 1 |
|
NSS60600MZ4
|
114Kb / 5P |
60 V, 6.0 A, Low VCE(sat) PNP Transistor
July, 2010 ??Rev. 2 |
|
NSV60600MZ4T1G
|
142Kb / 6P |
60 V, 6.0 A, Low VCE(sat) PNP Transistor
November, 2011 ??Rev. 3 |
|
NSV60601MZ4T3G
|
110Kb / 6P |
60 V, 6.0 A, Low VCE(sat) NPN Transistor
October, 2012 ??Rev. 3 |
|
NSS60100DMT
|
117Kb / 6P |
60 V, 1 A, Low VCE(sat) PNP Transistors
November, 2014 ??Rev. 1 |
|
NSS60200L
|
71Kb / 5P |
60 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2015 ??Rev. 2 |
|
NSS60101DMR6
|
238Kb / 7P |
Low VCE(sat) NPN Transistors, 60 V, 1 A
February, 2020 - Rev. 3 |