Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-501P8 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ATF-501P8 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ATF-501P8
Download  ATF-501P8 Download
File Size   804.54 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity Enhancement Mode

ATF-501P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-501P8 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ATF-501P8
Download  ATF-501P8 Click to download

File Size   804.54 Kbytes
Page   22 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity Enhancement Mode

ATF-501P8 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ATF-501P8 Product details

Description
Avago Technologies’s ATF-501P8 is a single-voltage high linearity, low noise E-pHEMT housed in an 8-lead JEDEC standard leadless plastic chip carrier (LPCC[3]) package. The device is ideal as a medium-power amplifier. Its operating frequency range is from 400 MHz to 3.9 GHz.

Features
• Single voltage operation
• High Linearity and P1dB
• Low Noise Figure
• Excellent uniformity in product specifications
• Small package size: 2.0 x 2.0 x 0.75 mm3
• Point MTTF > 300 years[2]
• MSL-1 and lead-free
• Tape-and-Reel packaging option available

Specifications
• 2 GHz; 4.5V, 280 mA (Typ.)
• 45.5 dBm Output IP3
• 29 dBm Output Power at 1dB gain compression
• 1 dB Noise Figure
• 15 dB Gain
• 14.5 dB LFOM[4]
• 65% PAE
• 23°C/W thermal resistance

Applications
• Front-end LNA Q2 and Q3, Driver or Pre-driver Amplifier for Cellular/PCS and WCDMA wireless infrastructure
• Driver Amplifier for WLAN, WLL/RLL and MMDS applications
• General purpose discrete E-pHEMT for other high linearity applications




Similar Part No. - ATF-501P8

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-501P8-BLK HP-ATF-501P8-BLK Datasheet
204Kb / 23P
Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-501P8-TR1 HP-ATF-501P8-TR1 Datasheet
204Kb / 23P
Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
ATF-501P8-TR2 HP-ATF-501P8-TR2 Datasheet
204Kb / 23P
Agilent ATF-501P8 High Linearity Enhancement Mode Pseudomorphic HEMT in 2x2 mm LPCC Package
More results


Similar Description - ATF-501P8

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-511P8 HP-ATF-511P8 Datasheet
140Kb / 16P
High Linearity Enhancement Mode
logo
AVAGO TECHNOLOGIES LIMI...
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
High Linearity Enhancement Mode
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode
ATF-52189 AVAGO-ATF-52189 Datasheet
425Kb / 19P
High Linearity Mode Enhancement
logo
Broadcom Corporation.
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
High Linearity Mode[1] Enhancement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com