Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-541M4 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ATF-541M4 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ATF-541M4
Download  ATF-541M4 Download
File Size   226.33 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Noise Enhancement Mode Pseudomorphic HEMT

ATF-541M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF-541M4 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ATF-541M4
Download  ATF-541M4 Click to download

File Size   226.33 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Low Noise Enhancement Mode Pseudomorphic HEMT

ATF-541M4 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ATF-541M4 Product details

Description

Avago Technologies’ ATF­‑541M4 is a high linearity, low noise, single supply E‑PHEMT housed in a miniature leadless package.

The ATF­‑541M4’s small size and low profile makes it ideal for the design of hybrid module and other space‑con‑ straint devices.

The device can be used in applications such as TMA and front end LNA for Cellular/PCS and WCDMA base stations, LNA and driver amplifiers for Wireless Data and 802.11b WLAN.

In addition, the device’s superior RF­ performance at higher frequency makes it an ideal candidate for high frequency applications such as WLL, 802.11a WLAN, 5–6 GHz UNII and HIPERLAN applications.



Features

• High linearity performance

• Single Supply Enhancement Mode Technology[1]

• Very low noise figure

• Excellent uniformity in product specifications

• 800 micron gate width

• Miniature leadless package

   1.4 mm x 1.2 mm x 0.7 mm

• Tape‑and‑Reel packaging option available



Specifications

2 GHz; 3 V, 60 mA (Typ.)

• 35.8 dBm output 3rd order intercept

• 21.4 dBm output power at 1 dB gain compression

• 0.5 dB noise figure

• 17.5 dB associated gain



Applications

• Low Noise Amplifier and Driver Amplifier for Cellular/PCS and WCDMA Base Stations

• LNA and Driver Amplifier for WLAN, WLL/RLL and MMDS applications

• General purpose discrete E‑PHEMT for ultra low noise applications in the 450 MHz to 10 GHz frequency range



 




Similar Part No. - ATF-541M4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-541M4 HP-ATF-541M4 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Agilent(Hewlett-Packard...
ATF-541M4-BLK HP-ATF-541M4-BLK Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-541M4-TR1 HP-ATF-541M4-TR1 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
ATF-541M4-TR2 HP-ATF-541M4-TR2 Datasheet
169Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT in a Miniature Leadless Package
More results


Similar Description - ATF-541M4

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-551M4 AVAGO-ATF-551M4 Datasheet
888Kb / 23P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-50189 AVAGO-ATF-50189 Datasheet
430Kb / 22P
Enhancement Mode Pseudomorphic HEMT
ATF-53189 AVAGO-ATF-53189_15 Datasheet
514Kb / 17P
Enhancement Mode Pseudomorphic HEMT
ATF-54143 AVAGO-ATF-54143_15 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-55143 AVAGO-ATF-55143 Datasheet
164Kb / 20P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 AVAGO-ATF-58143 Datasheet
126Kb / 9P
Low Noise Enhancement Mode Pseudomorphic HEMT
logo
Broadcom Corporation.
ATF-541M4 BOARDCOM-ATF-541M4 Datasheet
226Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-54143 BOARDCOM-ATF-54143 Datasheet
142Kb / 16P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-55143 BOARDCOM-ATF-55143 Datasheet
164Kb / 20P
Low Noise Enhancement Mode Pseudomorphic HEMT
ATF-58143 BOARDCOM-ATF-58143 Datasheet
126Kb / 9P
Low Noise Enhancement Mode Pseudomorphic HEMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com