Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB_CFD4448_1509 Datasheet (PDF) - Central Semiconductor Corp

PB_CFD4448_1509 Datasheet PDF - Central Semiconductor Corp
Part # PB_CFD4448_1509
Download  PB_CFD4448_1509 Download
File Size   1320.68 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 120V, 250mA Switching Diode

PB_CFD4448_1509 Datasheet (PDF)

Go To PDF Page Download Datasheet
PB_CFD4448_1509 Datasheet PDF - Central Semiconductor Corp

Part # PB_CFD4448_1509
Download  PB_CFD4448_1509 Click to download

File Size   1320.68 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description 120V, 250mA Switching Diode

PB_CFD4448_1509 Datasheet (HTML) - Central Semiconductor Corp


PB_CFD4448_1509 Product details

120V, 250mA Switching Diode in ultra miniature SOD-882L package

Central Semiconductor’s CFD4448 is a high speed switching diode with low reverse leakage ideal for applications where small size and operational efficiency are prime requirements. The CFD4448 utilizes 91% less board space than the industry standard SOD-123 and 58% less than the SOT-523; equally important is its low profile of 0.4mm.

Features:
• Current (IF = 250mA)
• Forward voltage drop (VF = 0.91V @ 100mA)
• Extremely Fast Switching Speed (4.0ns)
• Low capacitance (2.0pF)

Benefits:
• Low profile package
• Very low reverse leakage current
• Low capacitance and fast switching

Applications:
• General purpose switching
• Steering diode arrays
• Flyback diodes
• Polarity protection
• Battery powered portable equipment




Similar Part No. - PB_CFD4448_1509

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CFB0301 MIMIX-PB-CFB0301 Datasheet
799Kb / 4P
High Dynamic Range Low-Noise GaAs FET
PB-CFK0301-P1-000 MIMIX-PB-CFK0301-P1-000 Datasheet
303Kb / 4P
High Dynamic Range Dual, Low Noise GaAs FET
PB-CFK0301-P3-000 MIMIX-PB-CFK0301-P3-000 Datasheet
303Kb / 4P
High Dynamic Range Dual, Low Noise GaAs FET
PB-CFS0103-SB-00A0 MIMIX-PB-CFS0103-SB-00A0 Datasheet
238Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
PB-CFS0103-SB-00B0 MIMIX-PB-CFS0103-SB-00B0 Datasheet
238Kb / 8P
0.1-10.0 GHz Low Noise, Medium Power pHEMT in a Surface Mount Plastic Package
More results


Similar Description - PB_CFD4448_1509

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBAS16 GTM-GBAS16 Datasheet
144Kb / 2P
SURFACE MOUNT,SWITCHING DIODE VOLTAGE 85V,CURRENT 250mA
logo
GETAI ELECTRONICS DEVIC...
CL03-12 GETEDZ-CL03-12 Datasheet
80Kb / 1P
12kV 250mA HIGH VOLTAGE DIODE
logo
Central Semiconductor C...
CFD4448 CENTRAL-CFD4448 Datasheet
1Mb / 2P
120V, 250mA Switching Diode in ultra miniature SOD-882L package
CMUDW6001 CENTRAL-CMUDW6001 Datasheet
1Mb / 2P
75V, 250mA Ultra Low Leakage Switching Diode in the SOT-523W package
logo
SUNMATE electronic Co.,...
BAS16WS-V SUNMATE-BAS16WS-V Datasheet
256Kb / 2P
250mA Surface Mount Small Signal Fast Switching Diode
BAV17 SUNMATE-BAV17 Datasheet
250Kb / 2P
250mA Axial Leaded Smalll Sighal Switching Diode
BAV100 SUNMATE-BAV100 Datasheet
97Kb / 2P
250mA Surface Mount Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
BAV19WS-G TSC-BAV19WS-G Datasheet
162Kb / 4P
200mA, 120V - 250V Switching Diodes
logo
FETek Technology Corp.
FKP100N12 FETEK-FKP100N12 Datasheet
500Kb / 4P
N-Ch 120V Fast Switching MOSFETs
Ver : A
FKP90N12 FETEK-FKP90N12 Datasheet
496Kb / 4P
N-Ch 120V Fast Switching MOSFETs
Ver : A
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com