Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX913 Datasheet (PDF) - Maxim Integrated Products

MAX913 Datasheet PDF - Maxim Integrated Products
Part # MAX913
Download  MAX913 Download
File Size   93.41 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators

MAX913 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX913 Datasheet PDF - Maxim Integrated Products

Part # MAX913
Download  MAX913 Click to download

File Size   93.41 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators

MAX913 Datasheet (HTML) - Maxim Integrated Products


MAX913 Product details

General Description
The MAX913 single and MAX912 dual high-speed, low-power comparators have differential inputs and complementary TTL outputs. Fast propagation delay (10ns typ), extremely low supply current, and a wide common-mode input range that includes the negative rail make the MAX912/MAX913 ideal for low-power, high-speed, single +5V (or ±5V) applications such as V/F converters or switching regulators.

Features
♦ Ultra Fast (10ns)
♦ Single +5V or Dual ±5V Supply Operation
♦ Input Range Extends Below Negative Supply
♦ Low Power: 6mA (+5V) Per Comparator
♦ No Minimum Input Signal Slew-Rate Requirement
♦ No Power-Supply Current Spiking
♦ Stable in the Linear Region
♦ Inputs Can Exceed Either Supply
♦ Low Offset Voltage: 0.8mV

Applications
    Zero-Crossing Detectors
    Ethernet Line Receivers
    Switching Regulators
    High-Speed Sampling Circuits
    High-Speed Triggers
    Extended Range V/F Converters
    Fast Pulse Width/Height Discriminators




Similar Part No. - MAX913

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9130 MAXIM-MAX9130 Datasheet
145Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT MAXIM-MAX9130EXT Datasheet
147Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT-T MAXIM-MAX9130EXT-T Datasheet
145Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9130EXT-T MAXIM-MAX9130EXT-T Datasheet
147Kb / 8P
Single 500Mbps LVDS Line Receiver in SC70
Rev 0; 10/01
MAX9132 MAXIM-MAX9132 Datasheet
736Kb / 20P
Programmable, High-Speed, Multiple Input/Output LVDS Crossbar Switches
Rev 2; 4/11
More results


Similar Description - MAX913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3016 TI-TL3016 Datasheet
199Kb / 12P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI-TL3116 Datasheet
213Kb / 13P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
logo
Maxim Integrated Produc...
MAX9010 MAXIM-MAX9010 Datasheet
330Kb / 12P
SC70, 5ns, Low-Power, Single-Supply, Precision TTL Comparators
Rev 1; 1/02
MAX907 MAXIM-MAX907 Datasheet
139Kb / 12P
Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
Rev. 3; 7/94
MAX9107 MAXIM-MAX9107 Datasheet
313Kb / 10P
25ns, Dual/Quad/Single, Low-Power, TTL Comparators
Rev. 0; 5/01
MAX9686 MAXIM-MAX9686 Datasheet
1Mb / 4P
Single/Dual Very Fast TTL Output Comparators
1989
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MAX9686 MAXIM-MAX9686_06 Datasheet
83Kb / 5P
Single/Dual, Very Fast TTL Output Comparators
Rev 2; 6/90
logo
Texas Instruments
TL3016CDR TI-TL3016CDR Datasheet
640Kb / 17P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
TL3116 TI1-TL3116_16 Datasheet
1Mb / 19P
ULTRA-FAST LOW-POWER PRECISION COMPARATORS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com