Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX913 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX913
Description  Single/Dual, Ultra-Fast, Low-Power, Precision TTL Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX913 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX913 Datasheet HTML 1Page - Maxim Integrated Products MAX913 Datasheet HTML 2Page - Maxim Integrated Products MAX913 Datasheet HTML 3Page - Maxim Integrated Products MAX913 Datasheet HTML 4Page - Maxim Integrated Products MAX913 Datasheet HTML 5Page - Maxim Integrated Products MAX913 Datasheet HTML 6Page - Maxim Integrated Products MAX913 Datasheet HTML 7Page - Maxim Integrated Products MAX913 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Single/Dual, Ultra-Fast, Low-Power,
Precision TTL Comparators
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +5V, V- = -5V, VQ = 1.4V, VLE = 0V, TA = TMIN to TMAX, unless otherwise noted).
TA = +25°C
TA = TMIN to TMAX
∆VIN = 100mV,
VOD = 20mV
912
TA = +25°C
Propagation Delay (Note 2)
tPD+, tPD-
∆VIN = 100mV,
VOD = 5mV
10
14
ns
16
15
TA = TMIN to TMAX
Note 1: Input Offset Voltage (VOS) is defined as the average of the two input offset voltages, measured by forcing first one output,
then the other to 1.4V. Input Offset Current (IOS) is defined the same way.
Note 2: Propagation Delay (tPD) and Differential Propagation Delay (∆tPD) cannot be measured in automatic handling equipment
with low input overdrive values. The MAX912/MAX913 are sample tested to 0.1% AQL with a 1V step and 500mV overdrive
at +25°C only. Correlation tests show that tPD and ∆tPD can be guaranteed with this test, if additional DC tests are per-
formed to guarantee that all internal bias conditions are correct. For low overdrive conditions, VOS is added to the over-
drive. Differential Propagation Delay is defined as:
∆tPD = tPD+ – tPD-.
Note 3: Input latch setup time (tSU) is the interval in which the input signal must be stable prior to asserting the latch signal.
The hold time (tH) is the interval after the latch is asserted in which the input signal must be stable. These parameters are
guaranteed by design.
Note 4: Latch Propagation Delay (tLPD) is the delay time for the output to respond when the latch-enable pin is deasserted.
See Timing Diagram.
CONDITIONS
PARAMETER
SYMBOL
UNITS
MIN
TYP
MAX
TA =
+25°C
∆VIN = 100mV,
VOD = 5mV
23
ns
20
tSU
∆tPD
Latch Setup Time (Note 3)
ns
Differential Propagation Delay
(Note 2)
TA = +25°C
∆VIN = 100mV,
VOD = 5mV
(MAX912 only)
500
ps
Channel-to-Channel
Propagation Delay
(Note 2)
32
tH
Latch Hold Time (Note 3)
ns
7
tLPD
Latch Propagation Delay (Note 4)
ns
__________________________________________Typical Operating Characteristics
(V+ = 5V, V- = -5V, VLE = 0V, CL = 15pF, TA = +25°C, unless otherwise noted.)
5
1
10
100
PROPAGATION DELAY
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
6
7
8
9
10
tPD(-)
tPD(+)
VOD = 10mV
50
0
1
100
10,000
PROPAGATION DELAY
vs. SOURCE RESISTANCE
10
SOURCE RESISTANCE (
Ω)
20
30
40
10
1000
tPD(-)
tPD(+)
VOD = 10mV
PROPAGATION DELAY
vs. LOAD CAPACITANCE
6
10
20
30
40
50
LOAD CAPACITANCE (pF)
7
8
9
10
11
tPD(-)
tPD(+)
VOD = 10mV
MAX913
35
MAX912



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com