Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6218 Datasheet (PDF) - Intersil Corporation

ISL6218 Datasheet PDF - Intersil Corporation
Part # ISL6218
Download  ISL6218 Download
File Size   407.78 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV

ISL6218 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6218 Datasheet PDF - Intersil Corporation

Part # ISL6218
Download  ISL6218 Click to download

File Size   407.78 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV

ISL6218 Datasheet (HTML) - Intersil Corporation


ISL6218 Product details

The ISL6218 Single-Phase Buck PWM control IC, with
integrated half bridge gate driver, provides a precision
voltage regulation system for advanced Pentium-M
microprocessors in notebook computers. This control IC also
features both input voltage feed-forward and average current
mode control for excellent dynamic response, “Loss-less”
current sensing using MOSFET rDS(ON), and user selectable
switching frequencies from 250kHz to 500kHz per phase.
The ISL6218 includes a 6-bit digital-to-analog converter
(DAC) that dynamically adjusts the CORE PWM output
voltage from 0.700V to 1.708V in 16mV steps, and conforms
to the Intel IMVP-IV™ mobile VID specification. The ISL6218
also has logic inputs to select Active, Deep Sleep and
Deeper Sleep modes of operation. A precision reference,
remote sensing and proprietary architecture with integrated
processor-mode compensated “Droop” provides excellent
static and dynamic CORE voltage regulation.
Another feature of the ISL6218 IC controller is the internal
PGOOD delay circuit that holds the PGOOD pin low for
3ms to 12ms after the VCCP and VCC_MCH regulators are
within regulation. This PGOOD signal is masked during VID
changes. Output overvoltage and undervoltage are
monitored and result in the converter latching off and
PGOOD signal being held low.
The overvoltage and undervoltage thresholds are 112% and
84% of the VID, Deep or Deeper Sleep setpoint. Overcurrent
protection features a 32 cycle overcurrent shutdown.
PGOOD, Overvoltage, Undervoltage and Overcurrent
provide monitoring and protection for the microprocessor
and power system. The ISL6218 IC is available in a
38 Ld TSSOP and 40 Ld QFN package.

Features
• IMVP-IV™ Compliant CORE Regulator
• Single-Phase Power Conversion
• “Loss-less” Current Sensing for Improved Efficiency and
Reduced Board Area
- Optional Discrete Precision Current Sense Resistor
• Internal Gate Drive and Boot-Strap Diode
• Precision CORE Voltage Regulation
- 0.8% System Accuracy Over-temperature
• 6-Bit Microprocessor Voltage Identification Input
• Programmable “Droop” and CORE Voltage Slew Rate to
Comply with IMVP-IV™ Specification
• Discontinuous Mode Of Operation for Increased Light
Load Efficiency in Deep and Deeper Sleep Mode
• Direct Interface with System Logic (STP_CPU and
DPRSLPVR) for Deep and Deeper Sleep Modes of
Operation
• Easily Programmable Voltage Setpoints for Initial “Boot”,
Deep Sleep and Deeper Sleep Modes
• Excellent Dynamic Response
- Combined Voltage Feed-Forward and Average Current
Mode Control
• Overvoltage, Undervoltage and Overcurrent Protection
• Power-good Output with Internal Blanking During VID and
Mode Changes
• User Programmable Switching Frequency of 250kHz to
500kHz
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6218

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
logo
Intersil Corporation
ISL6218CRZ INTERSIL-ISL6218CRZ Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6218CRZ INTERSIL-ISL6218CRZ Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
More results


Similar Description - ISL6218

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
Multiphase IMVP-IV Core Controller for Mobile CPUs
REV.0
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
December 2006
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
437Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV
June 30, 2005
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com