Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2556 Datasheet (PDF) - Intersil Corporation

HA-2556 Datasheet PDF - Intersil Corporation
Part # HA-2556
Download  HA-2556 Download
File Size   564.42 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier

HA-2556 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2556 Datasheet PDF - Intersil Corporation

Part # HA-2556
Download  HA-2556 Click to download

File Size   564.42 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier

HA-2556 Datasheet (HTML) - Intersil Corporation


HA-2556 Product details

The HA-2556 is a monolithic, high speed, four quadrant,
analog multiplier constructed in the Intersil Dielectrically
Isolated High Frequency Process. The voltage output
simplifies many designs by eliminating the current-to-voltage
conversion stage required for current output multipliers. The
HA-2556 provides a 450V/µs slew rate and maintains
52MHz and 57MHz bandwidths for the X and Y channels
respectively, making it an ideal part for use in video systems.
The suitability for precision video applications is
demonstrated further by the Y-Channel 0.1dB gain flatness
to 5.0MHz, 1.5% multiplication error, -50dB feedthrough and
differential inputs with 8µA bias current. The HA-2556 also
has low differential gain (0.1%) and phase (0.1°) errors.
The HA-2556 is well suited for AGC circuits as well as mixer
applications for sonar, radar, and medical imaging
equipment. The HA-2556 is not limited to multiplication
applications only; frequency doubling, power detection, as
well as many other configurations are possible.

Features
• High Speed Voltage Output . . . . . . . . . . . . . . . . . 450V/µs
• Low Multiplication Error . . . . . . . . . . . . . . . . . . . . . . . 1.5%
• Input Bias Currents . . . . . . . . . . . . . . . . . . . . . . . . . . .8µA
• 5MHz Feedthrough . . . . . . . . . . . . . . . . . . . . . . . . . -50dB
• Wide Y-Channel Bandwidth . . . . . . . . . . . . . . . . . . 57MHz
• Wide X-Channel Bandwidth . . . . . . . . . . . . . . . . . . 52MHz
• VY 0.1dB Gain Flatness . . . . . . . . . . . . . . . . . . . . 5.0MHz
• Pb-free (RoHS compliant)

Applications
• Military Avionics
• Missile Guidance Systems
• Medical Imaging Displays
• Video Mixers
• Sonar AGC Processors
• Radar Signal Conditioning
• Voltage Controlled Amplifier
• Vector Generators




Similar Part No. - HA-2556

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA-2556 INTERSIL-HA-2556 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Intersil Corporation
HA-2556/883 INTERSIL-HA-2556/883 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results


Similar Description - HA-2556

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA2546 INTERSIL-HA2546 Datasheet
534Kb / 19P
Wideband Two Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
130MHz, Four Quadrant, Current Output Analog Multiplier
September 1998
logo
Motorola, Inc
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com