Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F100T Datasheet (PDF) - Macronix International

MX29F100T Datasheet PDF - Macronix International
Part # MX29F100T
Download  MX29F100T Download
File Size   706.13 Kbytes
Page   47 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY

MX29F100T Datasheet (PDF)

Go To PDF Page Download Datasheet
MX29F100T Datasheet PDF - Macronix International

Part # MX29F100T
Download  MX29F100T Click to download

File Size   706.13 Kbytes
Page   47 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY

MX29F100T Datasheet (HTML) - Macronix International


MX29F100T Product details

GENERAL DESCRIPTION
The MX29F100T/B is a 1-mega bit Flash memory organized as 131,072 bytes or 65,536 words. MXICs Flash memories offer the most cost-effective and reliable read/write non-volatile random access memory. The MX29F100T/B is packaged in 44-pin SOP and 48-pin TSOP. It is designed to be reprogrammed and erased in-system or in-standard EPROM programmers.

FEATURES
• 5V±10% for read, erase and write operation
• 131072x8/ 65536x16 switchable
• Fast access time:55/70/90/120ns
• Low power consumption
    - 40mA maximum active current(5MHz)
    - 1uA typical standby current
• Command register architecture
    - Byte/ Word Programming (7us/ 12us typical)
    - Erase (16K-Bytex1, 8K-Bytex2, 32K-Bytex1, and 64K-Byte x1)
• Auto Erase (chip) and Auto Program
    - Automatically erase any combination of sectors or with Erase Suspend capability.
    - Automatically program and verify data at specified address
• Status Reply
    - Data polling & Toggle bit for detection of program and erase cycle completion.
• Compatibility with JEDEC standard
    - Pinout and software compatible with single-power supply Flash
    - Superior inadvertent write protection
• Sector protection
    - Hardware method to disable any combination of sectors from program or erase operations
    - Sector protect/unprotect for 5V only system or 5V/ 12V system
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1 to VCC+1V
• Boot Code Sector Architecture
    - T = Top Boot Sector
    - B = Bottom Boot Sector
• Low VCC write inhibit is equal to or less than 3.2V
• Package type:
    - 44-pin SOP
    - 48-pin TSOP
• Ready/Busy pin(RY/BY)
    - Provides a hardware method or detecting program or erase cycle completion
• Erase suspend/ Erase Resume
    - Suspend an erase operation to read data from, or program data to a sector that is not being erased, then resume the erase operation.
• Hardware RESET pin
    - Hardware method of resetting the device to reading the device to reading array data.
• 20 years data retention




Similar Part No. - MX29F100T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F1610 MCNIX-MX29F1610 Datasheet
669Kb / 39P
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-10 MCNIX-MX29F1610A-10 Datasheet
669Kb / 39P
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-12 MCNIX-MX29F1610A-12 Datasheet
669Kb / 39P
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1610A-90 MCNIX-MX29F1610A-90 Datasheet
669Kb / 39P
16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
More results


Similar Description - MX29F100T

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27L1000 MCNIX-MX27L1000 Datasheet
958Kb / 15P
1M-BIT [128Kx8] LOW VOLTAGE OPERATION CMOS EPROM
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV010 EMC-EM39LV010 Datasheet
282Kb / 23P
1M Bits (128Kx8) Flash Memory
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
CMOS IC 1M-bit (128K횞8) Serial Flash Memory
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
1M-bit (128K횞8) Serial Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com