Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV008TA Datasheet (PDF) - SPANSION

MBM29LV008TA Datasheet PDF - SPANSION
Part # MBM29LV008TA
Download  MBM29LV008TA Download
File Size   449.01 Kbytes
Page   51 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description FLASH MEMORY CMOS 8M (1M X 8) BIT

MBM29LV008TA Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM29LV008TA Datasheet PDF - SPANSION

Part # MBM29LV008TA
Download  MBM29LV008TA Click to download

File Size   449.01 Kbytes
Page   51 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description FLASH MEMORY CMOS 8M (1M X 8) BIT

MBM29LV008TA Datasheet (HTML) - SPANSION


MBM29LV008TA Product details

■ GENERAL DESCRIPTION
The MBM29LV008TA/BA are a 8M-bit, 3.0 V-only Flash memory organized as 1M bytes of 8 bits each. The MBM29LV008TA/BA are offered in a 40-pin TSOP(1) package. These devices are designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V VPP and 5.0 V VCC are not required for write or erase operations. The devices can also be reprogrammed in standard EPROM programmers.

■ FEATURES
• Single 3.0 V read, program, and erase
    Minimizes system level power requirements
• Compatible with JEDEC-standard commands
    Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
    40-pin TSOP(1) (Package suffix: PTN – Normal Bend Type, PTR – Reversed Bend Type)
• Minimum 100,000 program/erase cycles
• High performance
    70 ns maximum access time
• Sector erase architecture
    One 16K byte, two 8K bytes, one 32K byte, and fifteen 64K bytes
    Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
    T = Top sector
    B = Bottom sector
• Embedded EraseTM Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
    When addresses remain stable, automatically switch themselves to low power mode
• Low VCC write inhibit ≤ 2.5 V
• Erase Suspend/Resume
    Suspends the erase operation to allow a read data in another sector within the same device
• Sector protection
    Hardware method disables any combination of sectors from program or erase operations
• Sector Protection Set function by Extended sector protection command
• Temporary sector unprotection
    Temporary sector unprotection via the RESET pin




Similar Part No. - MBM29LV008TA

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV008TA-12 FUJITSU-MBM29LV008TA-12 Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV008TA-12PTN FUJITSU-MBM29LV008TA-12PTN Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV008TA-12PTR FUJITSU-MBM29LV008TA-12PTR Datasheet
439Kb / 51P
8M (1M X 8) BIT
MBM29LV008TA-70 FUJITSU-MBM29LV008TA-70 Datasheet
439Kb / 51P
8M (1M X 8) BIT
More results


Similar Description - MBM29LV008TA

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LHF80V03 SHARP-LHF80V03 Datasheet
1Mb / 43P
Flash Memory 8M (1M x 8/512K x 160
logo
fujitsu semiconductor
MB84VA2004 FUJITSU-MB84VA2004 Datasheet
349Kb / 29P
8M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29LV008T MCNIX-MX29LV008T Datasheet
471Kb / 52P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
1M-BIT [128K x 8] CMOS FLASH MEMORY
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com