Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL99140 Datasheet (PDF) - Intersil Corporation

ISL99140 Datasheet PDF - Intersil Corporation
Part # ISL99140
Download  ISL99140 Download
File Size   455.27 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output

ISL99140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL99140 Datasheet PDF - Intersil Corporation

Part # ISL99140
Download  ISL99140 Click to download

File Size   455.27 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output

ISL99140 Datasheet (HTML) - Intersil Corporation


ISL99140 Product details

25A/35A DrMOS Module with Diode Emulation and PS4

The ISL99125B and ISL99135B are high-performance DrMOS power modules designed for high-frequency power conversion. By combining a high-performance FET driver and MOSFETs in an advanced package, high-density DC/DC converters may be created. Combined with an Intersil PWM controller, a complete voltage regulator solution can be created with reduced external components and minimum overall PCB real estate.
The ISL99125B and ISL99135B feature a three-state PWM input that, working together with Intersil’s 5V PWM controllers (such as ISL6398, ISL9585x, ISL637x, ISL633x, ISL636x, and ISL68201), will provide a robust solution in the event of abnormal operating conditions.

Features
• VIN range: 0V to 25V
• Current capability: 25A (ISL99125B), 35A (ISL99135B)
• Supports three-state 5.0V PWM input
• 0.5Ω ON-resistance and 4A sink current capability
• Diode emulation for enhanced light-load efficiency
• Ultra low shutdown supply current (3µA) for PS4 operation
• Low three-state hold-off time
• Adaptive shoot-through protection
• Integrated high-side gate-to-source resistor to prevent self
   turn-on due to high input bus dv/dt
• VCC undervoltage lockout
• Switching frequencies up to 2MHz
• Pb-free (RoHS compliant)
• 3.5x5 QFN 24 Ld package

Applications
• High-efficiency and high-density VRM and VRD
• Core, graphic, and memory regulators for microprocessors
• High-density VR for server, networking, and cloud computing
• POL DC/DC converters and video gaming consoles




Similar Part No. - ISL99140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL99140 INTERSIL-ISL99140 Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99140 INTERSIL-ISL99140 Datasheet
478Kb / 17P
Smart Power Stage (SPS) Module with Integrated High Accuracy Current and Temperature Monitors
October 27, 2016
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
761Kb / 15P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
ISL99140 RENESAS-ISL99140 Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
ISL99140 RENESAS-ISL99140 Datasheet
779Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
Rev 4.00 January 24, 2017
More results


Similar Description - ISL99140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
Integrated DrMOS Power Stage
16-May-11
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
Integrated DrMOS Power Stage
21-May-12
logo
Fairchild Semiconductor
FDMF5822DCCT-ND FAIRCHILD-FDMF5822DCCT-ND Datasheet
1Mb / 25P
FDMF5822DC-Smart Power Stage (SPS) Module with Integrated Thermal Warning and Thermal Shutdown
logo
Intersil Corporation
ISL99125B INTERSIL-ISL99125B Datasheet
520Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
DrMOS Integrated Power Stage
27-May-13
SIC772CD VISHAY-SIC772CD Datasheet
303Kb / 13P
DrMOS Integrated Power Stage
10-Jun-13
logo
ON Semiconductor
FDMF5820TDC ONSEMI-FDMF5820TDC Datasheet
1Mb / 26P
Smart Power Stage (SPS) Module with Integrated Thermal Warning
May 2016 Rev. 1.1
logo
Renesas Technology Corp
ISL99140 RENESAS-ISL99140 Datasheet
761Kb / 15P
40A DrMOS Power Module with Integrated Diode Emulation and Thermal Warning Output
logo
Vishay Siliconix
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
Integrated DrMOS Power Stage
04-Aug-14
logo
Renesas Technology Corp
ISL99125B RENESAS-ISL99125B Datasheet
845Kb / 13P
25A/35A DrMOS Module with Diode Emulation and PS4
January 24, 2017
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com