Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22313 Datasheet (PDF) - Intersil Corporation

ISL22313 Datasheet PDF - Intersil Corporation
Part # ISL22313
Download  ISL22313 Download
File Size   620.4 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C짰 Bus, 256 Taps

ISL22313 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22313 Datasheet PDF - Intersil Corporation

Part # ISL22313
Download  ISL22313 Click to download

File Size   620.4 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, I2C짰 Bus, 256 Taps

ISL22313 Datasheet (HTML) - Intersil Corporation


ISL22313 Product details

The ISL22313 integrates a single digitally controlled
potentiometer (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I
2C bus interface. The potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR control the position of the
wiper. At power up the device recalls the contents of the
DCP’s IVR to the WR.
The ISL22313 also has 14 general purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22313 features a dual supply, that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.

Features
• 256 resistor taps
• I2C serial interface
- Two address pins, up to four devices per bus
• Non-volatile EEPROM storage of wiper position
• 14 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T≤+55°C
• Wiper resistance: 70Ω typical @ 1mA
• Standby current <2.5µA max
• Shutdown current <2.5µA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
• DCP terminal voltage from V- to VCC
• 10kΩ, 50kΩ or 100kΩ total resistance
• Extended industrial temperature range: -40 to +125°C
• 10 Lead MSOP
Pinout • Pb-free plus anneal product (RoHS compliant)




Similar Part No. - ISL22313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer XDCP
July 17, 2007
ISL22313 INTERSIL-ISL22313 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
ISL22313 INTERSIL-ISL22313 Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer (XDCP??
July 17, 2007
logo
Renesas Technology Corp
ISL22313 RENESAS-ISL22313 Datasheet
1Mb / 15P
Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
Single Digitally Controlled Potentiometer XDCP
July 17, 2007
More results


Similar Description - ISL22313

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
Low Noise/Low Power/I2C Bus/256 Taps
October 13, 2005
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
August 1, 2005
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps
March 25, 2005
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
Low Noise, Low Power I2C Bus, 256 Taps
July 27, 2005
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
Low Noise, Low Power I2C Bus, 256 Taps
September 19, 2006
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com