Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4238E Datasheet (PDF) - Intersil Corporation

ISL4238E Datasheet PDF - Intersil Corporation
Part # ISL4238E
Download  ISL4238E Download
File Size   288.16 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down

ISL4238E Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL4238E Datasheet PDF - Intersil Corporation

Part # ISL4238E
Download  ISL4238E Click to download

File Size   288.16 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down

ISL4238E Datasheet (HTML) - Intersil Corporation


ISL4238E Product details

The Intersil ISL4238E, ISL4244E and ISL4245E devices are
2.7V to 5.5V powered RS-232 transmitters/receivers which
meet ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Additionally, they provide ±15kV ESD protection
(IEC61000-4-2 Air Gap and Human Body Model) on
transmitter outputs and receiver inputs (RS-232 pins).
Targeted applications are PDAs, Palmtops, and notebook
and laptop computers where the low operational, and even
lower standby power consumption is critical. Efficient on-chip
charge pumps, coupled with manual and enhanced
automatic power-down functions, reduce the standby supply
current to a 10nA trickle. Tiny 5mmx5mm Quad Flat No-Lead
(QFN) packaging and the use of small, low value capacitors
ensure board space savings as well. Data rates greater than
250kbps (ISL4238E/ISL4244E)/1Mbps (ISL4245E) are
guaranteed at worst case load conditions.
The ISL424xE are 3 driver, 5 receiver (DTE) devices that,
coupled with the QFN package, provide the industry’s
smallest, lowest power complete serial port suitable for
PDAs, and laptop or notebook computers. The 32 Ld 5x5
QFN requires 60% less board area than a 28 lead TSSOP,
and is nearly 20% thinner. The devices also include a
noninverting always-active receiver for “wake-up” capability.
The ISL4238E is a 5 driver, 3 receiver device optimized for
DCE applications with full hardware handshaking. It also
includes a noninverting always-active receiver for RING
INDICATOR monitoring. Transmitter and logic inputs include
active feedback resistors that retain the input state once
driven to a valid logic level.
These devices feature an enhanced automatic power-down
function which powers down the on-chip power-supply and
driver circuits. This occurs when all receiver and transmitter
inputs detect no signal transitions for a period of 30s. These
devices power back-up, automatically, whenever they sense
a transition on any transmitter or receiver input.
Table 1 summarizes the features of the ISL4238E,
ISL4244E, ISL4245, while Application Note AN9863
summarizes the features of each device comprising the 3V
RS-232 family.

Features
• Parameters Fully Specified for 10% Tolerance Supplies
and Full Industrial Temp Range
• Available in Small QFN (5mm x 5mm) Package which is
60% Smaller than a 28 Lead TSSOP
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• DTE (ISL4244E/45E) and DCE (ISL4238E) Versions
• Lowest Supply Current in Power-down . . . . . . . . . . .10nA
• Active Feedback Resistors on TX and Logic Inputs
(ISL4238E)
• Flow Through Pinouts
• Manual and Enhanced Automatic Power-down Features
• Guaranteed Minimum Data Rate
250kbps (ISL4238E/ISL4244E) / 1Mbps (ISL4245E)
• Latch-Up Free
• On-Chip Charge Pumps Require Only Four External
0.1µF Capacitors
• Wide Power Supply Range . . . . . . Single +2.7V to +5.5V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• Pb-Free Available (RoHS Compliant)

Applications
• Any Space Constrained System Requiring RS-232 Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks
- PDAs and Palmtops, Data Cables
- Cellular/Mobile Phones, Digital Cameras, GPS
Receivers




Similar Part No. - ISL4238E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL4238E INTERSIL-ISL4238E Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
logo
Intersil Corporation
ISL4238EIR INTERSIL-ISL4238EIR Datasheet
291Kb / 17P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
logo
Renesas Technology Corp
ISL4238EIR RENESAS-ISL4238EIR Datasheet
783Kb / 17P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
More results


Similar Description - ISL4238E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
August 2004
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
-15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
June 2004
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ISL4238E INTERSIL-ISL4238E Datasheet
291Kb / 17P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
May 13, 2010
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
June 10, 2010
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ISL4238E RENESAS-ISL4238E Datasheet
783Kb / 17P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Power-down
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com