Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37212M4 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37212M4 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37212M4
Download  M37212M4 Download
File Size   1308.06 Kbytes
Page   119 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER

M37212M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37212M4 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37212M4
Download  M37212M4 Click to download

File Size   1308.06 Kbytes
Page   119 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER

M37212M4 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37212M4 Product details

DESCRIPTION
The M37212M6-XXXSP/FP, M37212M4/M8-XXXSP are single-chip microcomputers designed with CMOS silicon gate technology. They have a OSD, I2C-BUS interface, and PWM, so it is useful for a channel selection system for TV.
The feature of the M37212EFSP/FP are similar to those of the M37212M6-XXXSP/FP except that these chips have a built-in PROM which can be written electrically. The differences between the M37212M6-XXXSP/FP and M37212M4/M8-XXXSP are the ROM size and the RAM size as shown below. Accordingly, the following descriptions will be for M37212M6-XXXSP/FP unless otherwise noted.

FEATURES
● Number of basic instructions ..................................................... 71
● Memory size
   ROM............... .........
      16K bytes (M37212M4-XXXSP)
      24K bytes (M37212M6-XXXSP/FP)
      32K bytes (M37212M8-XXXSP)
      62K bytes (M37212EFSP/FP)
   RAM .........................
      320 bytes (M37212M4-XXXSP)
      384 bytes (M37212M6-XXXSP/FP)
      576 bytes (M37212M8-XXXSP)
      1280 bytes (M37212EFSP/FP)
      (*ROM correction memory included)
● The minimum instruction execution time
   ......................................... 0.5 µs (at 8 MHz oscillation frequency)
● Power source voltage .................................................. 5 V ± 10 %
● Subroutine nesting
   maximum 96 levels (M37212M4/M8-XXXSP, M37212M6-XXXSP/FP)
   maximum 128 levels (M37212EFSP/FP)
● Interrupts ........................................................ 14 types, 14 vectors
● 8-bit timers ................................................................................... 4
● Programmable I/O ports
   (Ports P0, P10–P14, P2, P30, P31, P40, P41) ............................. 25
● Input ports (Ports P15–P17, P32–P37, P42) ............................... 10
● Output ports (Ports P52–P55, P60–P63)....................................... 8
● 12 V withstand ports .................................................................. 12
● LED drive ports ............................................................................ 4
● Serial I/O ............................................................. 8-bit ✕ 1 channel
● Multi-master I2C-BUS interface ............................... 1 (2 systems)
● A-D comparator (6-bit resolution) ................................. 8 channels
● PWM output circuit ..........................................14-bit ✕ 1, 8-bit ✕ 8
● Power dissipation .............................................................. 165 mW
   (at 8 MHz oscillation frequency, VCC=5.5V, at OSD display)
● ROM correction function ................................................. 2 vectors
   Note: Only M37212M8-XXXSP and M37212EFSP/FP have ROM
      correction function.

● OSD function
   Display characters ................................... 24 characters ✕ 2 lines
      (It is possible to display 3lines or more by software)
   Kinds of characters ........................................................ 256 kinds
   Character display area ..............................................12 ✕ 16 dots
   Kinds of character sizes ..................................................... 3 kinds
   Kinds of character colors .................................. 8 colors (R, G, B)
   Coloring unit ................... character, character background, raster
   Display position .............................................................................
      Horizontal: 64 levels Vertical: 128 levels
   Attribute .............................................................................. border
  
APPLICATION
   TV




Similar Part No. - M37212M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37212M4-XXXSP RENESAS-M37212M4-XXXSP Datasheet
1Mb / 120P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Similar Description - M37212M4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37221M6 MITSUBISHI-M37221M6 Datasheet
1Mb / 61P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37207MF RENESAS-M37207MF Datasheet
2Mb / 122P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37220M3 RENESAS-M37220M3 Datasheet
1Mb / 54P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com