Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42094 Datasheet (PDF) - Micropac Industries

42094 Datasheet PDF - Micropac Industries
Part # 42094
Download  42094 Download
File Size   104.4 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE HIGH TEMPERATURE REGULATOR

42094 Datasheet (PDF)

Go To PDF Page Download Datasheet
42094 Datasheet PDF - Micropac Industries

Part # 42094
Download  42094 Click to download

File Size   104.4 Kbytes
Page   3 Pages
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries
Description POSITIVE HIGH TEMPERATURE REGULATOR

42094 Datasheet (HTML) - Micropac Industries


42094 Product details

DESCRIPTION

The 42094 series of regulators covers the voltage range from 5 VDC through 30 VDC. These regulators are fabricated using hybrid techniques and will operate at temperatures up to 200°C case. These devices are complete with internal short circuit protection which includes voltage shutdown and current foldback. The 42094 series regulators normally do not require any additional components. However, for good design practice, an external filter cap should be installed at the input, as close to the case as possible.



Features:

• Output current to 1.5 amps

• Input voltage to 38V

• Internal short circuit protection, foldback and current limiting

• Storage Temperature 225°C

• 200°C Operating Temperature

• Output voltage to 30 VDC



Applications:

• Logging while drilling

• Measuring while drilling (down-hole applications)

• Other harsh environments

• Designed to use in high temperature environments 200°C



 




Similar Part No. - 42094

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4209410 TURCK-4209410 Datasheet
332Kb / 3P
Inductive Sensor
11/07/2023
4209420 TURCK-4209420 Datasheet
401Kb / 3P
Inductive Sensor
11/07/2023
4209430 TURCK-4209430 Datasheet
371Kb / 3P
Inductive Sensor
11/07/2023
More results


Similar Description - 42094

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42095 MICROPAC-42095 Datasheet
95Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
42118 MICROPAC-42118 Datasheet
234Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6406 TOREX-XC6406 Datasheet
184Kb / 6P
High Current Dual Positive Regulator
XC6406 TOREX-XC6406_1 Datasheet
168Kb / 7P
High Current Dual Positive Regulator
logo
SeCoS Halbleitertechnol...
SE1147-50 SECOS-SE1147-50 Datasheet
538Kb / 3P
Positive Regulator
logo
Anaren Microwave
MSK5500-15 ANAREN-MSK5500-15 Datasheet
491Kb / 5P
ULTRA-HIGH TEMPERATURE REGULATOR
MSK5502 ANAREN-MSK5502 Datasheet
334Kb / 6P
ULTRA-HIGH TEMPERATURE REGULATOR
logo
Micropac Industries
42095 MICROPAC-42095_06 Datasheet
37Kb / 3P
NEGATIVE HIGH TEMPERATURE REGULATOR
42118 MICROPAC-42118_05 Datasheet
109Kb / 3P
POSITIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
logo
Honeywell Solid State E...
HTPLREG HONEYWELL-HTPLREG Datasheet
317Kb / 2P
HIGH TEMPERATURE POSITIVE LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com