Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301410020 Datasheet (PDF) - Molex Electronics Ltd.

1301410020 Datasheet PDF - Molex Electronics Ltd.
Part # 1301410020
Download  1301410020 Download
File Size   35.79 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V

1301410020 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301410020 Datasheet PDF - Molex Electronics Ltd.

Part # 1301410020
Download  1301410020 Click to download

File Size   35.79 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V

1301410020 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301410020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410022 MOLEX11-1301410022 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
1301410023 MOLEX11-1301410023 Datasheet
35Kb / 1P
Super-Safeway Connector, 2 Pole/2 Wire, NEMA 1-15, 125V
1301410024 MOLEX11-1301410024 Datasheet
40Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301410025 MOLEX11-1301410025 Datasheet
45Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
1301410027 MOLEX11-1301410027 Datasheet
43Kb / 1P
Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-20, 125V
More results


Similar Description - 1301410020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0063 MOLEX11-130144-0063 Datasheet
42Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
130141-0036 MOLEX11-130141-0036 Datasheet
42Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
130141-0020 MOLEX11-130141-0020 Datasheet
43Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
130141-0022 MOLEX11-130141-0022 Datasheet
61Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
130142-0051 MOLEX11-130142-0051 Datasheet
51Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-50, 250V
130144-0061 MOLEX11-130144-0061 Datasheet
42Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301440061 MOLEX11-1301440061 Datasheet
34Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410022 MOLEX11-1301410022 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
1301410036 MOLEX11-1301410036 Datasheet
35Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 6-20, 250V
1301420051 MOLEX11-1301420051 Datasheet
44Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-50, 250V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com