Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301410027 Datasheet (PDF) - Molex Electronics Ltd.

1301410027 Datasheet PDF - Molex Electronics Ltd.
Part # 1301410027
Download  1301410027 Download
File Size   43.83 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-20, 125V

1301410027 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301410027 Datasheet PDF - Molex Electronics Ltd.

Part # 1301410027
Download  1301410027 Click to download

File Size   43.83 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-20, 125V

1301410027 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301410027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410020 MOLEX11-1301410020 Datasheet
35Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-20, 250V
1301410022 MOLEX11-1301410022 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 6-15, 250V
1301410023 MOLEX11-1301410023 Datasheet
35Kb / 1P
Super-Safeway Connector, 2 Pole/2 Wire, NEMA 1-15, 125V
1301410024 MOLEX11-1301410024 Datasheet
40Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301410025 MOLEX11-1301410025 Datasheet
45Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
More results


Similar Description - 1301410027

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130144-0057 MOLEX11-130144-0057 Datasheet
45Kb / 1P
Safeway Connector, 2 Pole/3 Wire, NEMA 5-20, 125V
130141-0025 MOLEX11-130141-0025 Datasheet
53Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
130141-0027 MOLEX11-130141-0027 Datasheet
51Kb / 1P
Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-20, 125V
130141-0029 MOLEX11-130141-0029 Datasheet
31Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 5-20, 125V
130146-0035 MOLEX11-130146-0035 Datasheet
38Kb / 1P
Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
130141-0033 MOLEX11-130141-0033 Datasheet
51Kb / 1P
Super-Safeway Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-15, 125V
1301410012 MOLEX11-1301410012 Datasheet
34Kb / 1P
Super-Safeway Monitoring Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body
1301410025 MOLEX11-1301410025 Datasheet
45Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
1301460063 MOLEX11-1301460063 Datasheet
43Kb / 1P
Watertite Ground Fault Monitoring Connector 2 Pole/3 Wire, NEMA 5-15, 125V, Cord
1301460035 MOLEX11-1301460035 Datasheet
39Kb / 1P
Watertite Ground Fault Monitoring Plug 2 Pole/3 Wire, NEMA 5-15, 125V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com