Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5401 Datasheet (PDF) - AUK corp

2N5401 Datasheet PDF - AUK corp
Part # 2N5401
Download  2N5401 Download

File Size   202.36 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description PNP Silicon Transistor (General purpose amplifier High voltage application)

2N5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5401 Datasheet PDF - AUK corp

Part # 2N5401
Download  2N5401 Click to download

File Size   202.36 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description PNP Silicon Transistor (General purpose amplifier High voltage application)

2N5401 Datasheet (HTML) - AUK corp

2N5401 Datasheet HTML 1Page - AUK corp 2N5401 Datasheet HTML 2Page - AUK corp 2N5401 Datasheet HTML 3Page - AUK corp

2N5401 Product details

Description
• General purpose amplifier
• High voltage application

Features
• High collector breakdown voltage : VCBO= -160V, VCEO= -150V
• Low collector saturation voltage : VCE(sat)=-0.5V(MAX.)
• Complementary pair with 2N5551




Similar Part No. - 2N5401

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
2N5401 JIANGSU-2N5401 Datasheet
574Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Motorola, Inc
2N5401 MOTOROLA-2N5401 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
2N5401 ONSEMI-2N5401 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
logo
Unisonic Technologies
2N5401 UTC-2N5401 Datasheet
235Kb / 4P
   HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Micro Commercial Compon...
2N5401 MCC-2N5401 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
More results


Similar Description - 2N5401

ManufacturerPart #DatasheetDescription
logo
AUK corp
2N5551 AUK-2N5551 Datasheet
199Kb / 3P
   NPN Silicon Transistor (General purpose amplifier High voltage application)
BC858U AUK-BC858U Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858UF AUK-BC858UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857F AUK-BC857F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC858 AUK-BC858 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857UF AUK-BC857UF Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
SBT2907F AUK-SBT2907F Datasheet
191Kb / 4P
   PNP Silicon Transistor (General purpose application Switching application)
BC856 AUK-BC856 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC856F AUK-BC856F Datasheet
91Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
BC857 AUK-BC857 Datasheet
92Kb / 3P
   PNP Silicon Transistor (General purpose application Switching application)
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com