Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N5551 Datasheet (PDF) - AUK corp

2N5551 Datasheet PDF - AUK corp
Part # 2N5551
Download  2N5551 Download
File Size   199.92 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description NPN Silicon Transistor (General purpose amplifier High voltage application)

2N5551 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5551 Datasheet PDF - AUK corp

Part # 2N5551
Download  2N5551 Click to download

File Size   199.92 Kbytes
Page   3 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description NPN Silicon Transistor (General purpose amplifier High voltage application)

2N5551 Datasheet (HTML) - AUK corp


2N5551 Product details

Descriptions
• General purpose amplifier
• High voltage application

Features
• High collector breakdown voltage : VCBO = 180V, VCEO = 160V
• Low collector saturation voltage : VCE(sat)=0.5V(MAX.)
• Complementary pair with 2N5401




Similar Part No. - 2N5551

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5551 ONSEMI-2N5551 Datasheet
188Kb / 6P
mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
Semtech Corporation
2N5551 SEMTECH-2N5551 Datasheet
131Kb / 2P
NPN Silicon Expitaxial Planar Transistor for general purpose, high voltage amplifier applications????
logo
Fairchild Semiconductor
2N5551 FAIRCHILD-2N5551 Datasheet
222Kb / 5P
NPN General Purpose Amplifier
logo
Boca Semiconductor Corp...
2N5551 BOCA-2N5551 Datasheet
57Kb / 2P
NPN EPITAXIAL PLANAR SILICON HIGH VOLTAGE TRANSISTOR
logo
KEC(Korea Electronics)
2N5551 KEC-2N5551 Datasheet
146Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, HIGH VOLTAGE)
More results


Similar Description - 2N5551

ManufacturerPart #DatasheetDescription
logo
AUK corp
2N5401 AUK-2N5401 Datasheet
202Kb / 3P
PNP Silicon Transistor (General purpose amplifier High voltage application)
BC846 AUK-BC846 Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846F AUK-BC846F Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC846UF AUK-BC846UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847 AUK-BC847 Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847U AUK-BC847U Datasheet
86Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC847UF AUK-BC847UF Datasheet
87Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848 AUK-BC848 Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848U AUK-BC848U Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
BC848UF AUK-BC848UF Datasheet
82Kb / 3P
NPN Silicon Transistor (General purpose application Switching application)
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com