Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6500 Datasheet (PDF) - AUK corp

S6500 Datasheet PDF - AUK corp
Part # S6500
Download  S6500 Download
File Size   492.6 Kbytes
Page   7 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description POWER FACTOR CORRECTOR

S6500 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6500 Datasheet PDF - AUK corp

Part # S6500
Download  S6500 Click to download

File Size   492.6 Kbytes
Page   7 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description POWER FACTOR CORRECTOR

S6500 Datasheet (HTML) - AUK corp


S6500 Product details

Description
This device is power factor correction controller using a discontinues conduction mode of boost converter. Especially, it is optimized for electronic ballasts which prevent abnormal functions in load runaway and feedback loop fault conditions and low power and high density power supplies which require minimum board size. The external component R/C filter is not necessary because the R/C filter is included in current sense block. This is the improved version with a pin out equivalent to world standard.

Features
• Dynamic, Static & Feedback OVP
• Extremely Low Start up Current (30uA Typ.)
• Very Low Operating Current (4mA Typ.)
• Internal Self Start Timer
• Current Sense with Internal RC Filter
• Trimmed ± 1.5% internal Reference
• Under Voltage Lock Out with Hysteresis
• Pin Compatible to World Standard
• High Current Totem Pole Gate Drive

Applications
• Electronic Ballast
• SMPS




Similar Part No. - S6500

ManufacturerPart #DatasheetDescription
logo
Heyco.
S6500 HEYCO-S6500 Datasheet
169Kb / 1P
SunRunner® Cable Clips for 1-2 Cables
logo
AUK corp
S6500P AUK-S6500P Datasheet
513Kb / 7P
POWER FACTOR CORRECTION
More results


Similar Description - S6500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
POWER FACTOR CORRECTOR
Jun-2000
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
L8562 UTC-L8562 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
POWER FACTOR CORRECTOR
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com