Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6500P Datasheet (PDF) - AUK corp

S6500P Datasheet PDF - AUK corp
Part # S6500P
Download  S6500P Download
File Size   513.08 Kbytes
Page   7 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description POWER FACTOR CORRECTION

S6500P Datasheet (PDF)

Go To PDF Page Download Datasheet
S6500P Datasheet PDF - AUK corp

Part # S6500P
Download  S6500P Click to download

File Size   513.08 Kbytes
Page   7 Pages
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp
Description POWER FACTOR CORRECTION

S6500P Datasheet (HTML) - AUK corp


S6500P Product details

Description
This device is power factor correction controller using a discontinues conduction mode of boost converter. Especially, it is optimized for electronic ballasts which prevent abnormal functions in load runaway and feedback loop fault conditions and low power and high density power supplies which require minimum board size. The external component R/C filter is not necessary because the R/C filter is included in current sense block. This is the improved version with a pin out equivalent to world standard.

Features
• Dynamic, Static & Feedback OVP
• Extremely Low Start up Current (30uA Typ.)
• Very Low Operating Current (4mA Typ.)
• Internal Self Start Timer
• Current Sense with Internal RC Filter
• Trimmed ± 1.5% internal Reference
• Under Voltage Lock Out with Hysteresis
• Pin Compatible to World Standard
• High Current Totem Pole Gate Drive

Applications
• Electronic Ballast
• SMPS




Similar Part No. - S6500P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
POWER FACTOR CORRECTOR
logo
Heyco.
S6500 HEYCO-S6500 Datasheet
169Kb / 1P
SunRunner® Cable Clips for 1-2 Cables
More results


Similar Description - S6500P

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4207A175 EPCOS-B25667B4207A175 Datasheet
135Kb / 3P
Power Factor Correction
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175 Datasheet
131Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2457A375 EPCOS-B25667B2457A375 Datasheet
135Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
EPCOS
B25667B3497A375 EPCOS-B25667B3497A375_05 Datasheet
103Kb / 3P
Power Factor Correction
More results




About AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com