Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6020 Datasheet (PDF) - ON Semiconductor

CPH6020 Datasheet PDF - ON Semiconductor
Part # CPH6020
Download  CPH6020 Download
File Size   505.6 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor

CPH6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH6020 Datasheet PDF - ON Semiconductor

Part # CPH6020
Download  CPH6020 Click to download

File Size   505.6 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor

CPH6020 Datasheet (HTML) - ON Semiconductor


CPH6020 Product details

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=16GHz typ (VCE=5V)
• High gain : |S21e|2=13.5dB typ (f=1GHz)




Similar Part No. - CPH6020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020 Datasheet
264Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
CPH6020 SANYO-CPH6020 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
More results


Similar Description - CPH6020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
RF Transistor
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
RF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
RF TRANSISTOR
MPSH10A UTC-MPSH10A_11 Datasheet
119Kb / 4P
RF TRANSISTOR
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
RF TRANSISTOR
logo
ON Semiconductor
2SC5551A ONSEMI-2SC5551A Datasheet
299Kb / 6P
RF Transistor
August, 2013
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
RF Transistor
May 2017 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com