Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6020 Datasheet (PDF) - Sanyo Semicon Device

CPH6020 Datasheet PDF - Sanyo Semicon Device
Part # CPH6020
Download  CPH6020 Download
File Size   264.58 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er

CPH6020 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH6020 Datasheet PDF - Sanyo Semicon Device

Part # CPH6020
Download  CPH6020 Click to download

File Size   264.58 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er

CPH6020 Datasheet (HTML) - Sanyo Semicon Device


CPH6020 Product details

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=16GHz typ (VCE=5V)
• High gain : |S21e|2=13.5dB typ (f=1GHz)




Similar Part No. - CPH6020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
RF Transistor
August, 2013
CPH6020-TL-E ONSEMI-CPH6020-TL-E Datasheet
505Kb / 6P
RF Transistor
August, 2013
logo
Sanyo Semicon Device
CPH6020 SANYO-CPH6020_12 Datasheet
506Kb / 6P
High-Frequency Low-Noise Amplifier
More results


Similar Description - CPH6020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
MCH6001 SANYO-MCH6001 Datasheet
256Kb / 4P
NPN Epitaxial Planar Silicon Composite Transistor High Frequency Low-Noise Amplifi er
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
High-Frequency Low-Noise Amplifi er
MCH4014 SANYO-MCH4014 Datasheet
84Kb / 10P
High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
15GN03CA SANYO-15GN03CA_12 Datasheet
394Kb / 8P
NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
15GN03MA SANYO-15GN03MA_12 Datasheet
411Kb / 8P
NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com