Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37640E8 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37640E8 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37640E8
Download  M37640E8 Download
File Size   1193.16 Kbytes
Page   172 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER

M37640E8 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37640E8 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37640E8
Download  M37640E8 Click to download

File Size   1193.16 Kbytes
Page   172 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCONTROLLER

M37640E8 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37640E8 Product details

Overview
The 7600 series, an enhanced family of CMOS 8-bit microcontrollers, offers high-speed operation at low voltage, large internal-memory options, and a wide variety of standard peripherals. The series is code compatible with the M38000, M37200, M37400, and the M37500 series, and provides many performance enhancements to the instruction set.

MCU Features
• 7600 8-bit CPU core, CMOS process
• Minimum instruction execution time of 83ns (1-cycle instruction @ Φ = 12 MHz)
• Efficient software support (C and/or Assembly)
• ROM: 32 KB on-chip
• RAM: 1 KB on-chip
• Built-in Microprocessor or Memory-expansion modes
• Three slow memory wait modes: Software Wait, RDY Wait, and Extended RDY Wait
• Nine I/O Ports, total 66 programmable I/O pins available
   • Programmable direction control on every I/O pin
   • Software selectable slew rate control on every I/O pin
• Master CPU Bus Interface:
   • MCU can be operated in slave mode by control signals from the host CPU
   • 8 data lines (DQ7-DQ0) and R(E), W(R/W), A0, S0, S1, IBF0, OBF0, IBF1, OBF1 signals available
   • Master CPU sends and receives data, command, and status by means of DQ7-DQ0
• USB Function Control Unit
• USB Transceiver (conforms to USB V1.0 Specification)
• DMA Controller:
   • Two DMA channels available
   • 16 address lines for 64K byte address space
   • Single byte or burst transfer modes
   • Transfer request by external pins, software triggers or built-in peripherals
   • Maximum 6M byte/sec transfer speed (in burst mode)
• Timers: three 8-bit timers and two 16-bit timers available
• Two full duplex UARTs available
• One master/slave clock synchronous I/O (SIO), internal or external clock selectable
• Built-in Special Count Source Generator (SCSG): can be a clock source for Timer X, UARTs, and SIO
• Power-saving wait (IDLE) and stop (powerdown) modes.




Similar Part No. - M37640E8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37640E8FP MITSUBISHI-M37640E8FP Datasheet
1Mb / 96P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37640E8FS MITSUBISHI-M37640E8FS Datasheet
1Mb / 96P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37640E8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
8-Bit CMOS Single-Chip Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com