Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431BICT Datasheet (PDF) - STMicroelectronics

TLVH431BICT Datasheet PDF - STMicroelectronics
Part # TLVH431BICT
Download  TLVH431BICT Download
File Size   823.92 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable shunt voltage reference

TLVH431BICT Datasheet (PDF)

Go To PDF Page Download Datasheet
TLVH431BICT Datasheet PDF - STMicroelectronics

Part # TLVH431BICT
Download  TLVH431BICT Click to download

File Size   823.92 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Programmable shunt voltage reference

TLVH431BICT Datasheet (HTML) - STMicroelectronics


TLVH431BICT Product details

Description
The TLVH431 is a low power programmable shunt voltage reference, with guaranteed temperature stability over the entire operating temperature range. The output voltage may be set to any value between 1.24 V and 18 V by means of an external resistor divider. The TLVH431 operates with a wide current range from 100 µA to 60 mA with a typical dynamic impedance of 0.22 Ω. Available in SOT23-3L, SOT23-5L and SOT3236L surface mounted packages, it can be designed in applications where space saving is a critical issue. The low operating current is a key advantage for power restricted designs. SOT323-6L SOT23-3L SOT23-5L

Features
■ Adjustable output voltage: 1.24 V to 18 V
■ Low operating current: 100 µA at 25 °C
■ 0.25%, 0.5%, 1% and 1.5% voltage precision
■ Sink current capability up to 60 mA
■ -40 to +125 °C temperature range
■ 100 ppm/°C maximum temperature coefficient
■ Available in SOT23-3L, SOT23-5L and SOT323-6L packages

Applications
■ Computers
■ Battery chargers
■ Switch mode power supplies
■ Battery operated equipment
■ Data acquisition systems
■ Energy management




Similar Part No. - TLVH431BICT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431BIDBVR TI-TLVH431BIDBVR Datasheet
570Kb / 37P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431BIDBVR TI-TLVH431BIDBVR Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431BIDBVR TI1-TLVH431BIDBVR Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431BIDBVR TI1-TLVH431BIDBVR Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431BIDBVR TI-TLVH431BIDBVR Datasheet
2Mb / 54P
TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
JUNE 2024
More results


Similar Description - TLVH431BICT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431_15 Datasheet
4Mb / 13P
2.495V Programmable Shunt Voltage Reference
TS431XRIX-Z TSC-TS431XRIX-Z Datasheet
449Kb / 7P
2.495V Programmable Shunt Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com