Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431BICT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TLVH431BICT
Description  Programmable shunt voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLVH431BICT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TLVH431BICT Datasheet HTML 2Page - STMicroelectronics TLVH431BICT Datasheet HTML 3Page - STMicroelectronics TLVH431BICT Datasheet HTML 4Page - STMicroelectronics TLVH431BICT Datasheet HTML 5Page - STMicroelectronics TLVH431BICT Datasheet HTML 6Page - STMicroelectronics TLVH431BICT Datasheet HTML 7Page - STMicroelectronics TLVH431BICT Datasheet HTML 8Page - STMicroelectronics TLVH431BICT Datasheet HTML 9Page - STMicroelectronics TLVH431BICT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical performance characteristics
TLVH431
6/15
DocID023303 Rev 5
4
Typical performance characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted,
at TA = 25 °C.
Figure 2. Test circuit for VKA = Vref
Figure 3. Test circuit for VKA > Vref
Figure 4. Reference voltage vs. temperature
Figure 5. Minimum cathode current for
regulation vs. temperature
Figure 6. Off-state cathode current vs.
temperature
Figure 7. Reference input current vs.
temperature
AM11713v1
AM11714v1
AM11715v1
1220
1225
1230
1235
1240
1245
1250
1255
1260
-40
-25
0
25
70
105
125
Temperature
°C
VKA = Vref, IK = 10 mA
AM11716v1
30
40
50
60
70
80
90
100
-40
-25
0
25
70
105
125
Temperature °C
VKA = Vref
AM11717v1
0
20
40
60
80
100
120
140
160
180
200
-40
-25
0
25
70
105
125
Temperature °C
VKA = 18 V, Vref = GND
AM11718v1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-25
0
25
70
105
125
Temperature °C
IK = 10 mA , R1 = 10 k
Ω, R2 = ∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com