Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSB310 Datasheet (PDF) - Axiomtek Co., Ltd.

DSB310 Datasheet PDF - Axiomtek Co., Ltd.
Part # DSB310
Download  DSB310 Download
File Size   351.22 Kbytes
Page   1 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description Supports AMD G-Series APU T40E 1.0 GHz dual core onboard

DSB310 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSB310 Datasheet PDF - Axiomtek Co., Ltd.

Part # DSB310
Download  DSB310 Click to download

File Size   351.22 Kbytes
Page   1 Pages
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.
Description Supports AMD G-Series APU T40E 1.0 GHz dual core onboard

DSB310 Datasheet (HTML) - Axiomtek Co., Ltd.


DSB310 Product details

Features
● Fanless operation
● Supports AMD G-Series APU T40E 1.0 GHz dual core onboard
● DDR3-1066/1333 SO-DIMM max. up to 4 GB
● Low power consumption
● Displayport & VGA
● 1 2.5" SATA drive bay & 1 CF
● Optional wireless LAN module
● Supports wall mount and VESA mount




Similar Part No. - DSB310

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DSB300 AXIOMTEK-DSB300 Datasheet
545Kb / 1P
Hardware decoder for full HD monitor
logo
IXYS Corporation
DSB30C30PB IXYS-DSB30C30PB Datasheet
103Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Inchange Semiconductor ...
DSB30C30PB ISC-DSB30C30PB Datasheet
297Kb / 2P
Schottky Rectifiers Diode
logo
IXYS Corporation
DSB30C45HB IXYS-DSB30C45HB Datasheet
92Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB30C45PB IXYS-DSB30C45PB Datasheet
99Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results


Similar Description - DSB310

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-A50M AAEON-EMB-A50M Datasheet
354Kb / 2P
Embedded Motherboard with Onboard AMD Fusion APU Processor
logo
List of Unclassifed Man...
EMQ-A50M1 ETC2-EMQ-A50M1 Datasheet
541Kb / 3P
AMD Fusion G-T40E Qseven CPU Module
IMB-A160 ETC2-IMB-A160 Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
IMB-A160-H ETC2-IMB-A160-H Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
logo
Axiomtek Co., Ltd.
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL_16 Datasheet
238Kb / 1P
AMD G-series APU T40E 1.0 GHz onboard
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
CAPA112 AXIOMTEK-CAPA112_17 Datasheet
293Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A55E, LVDS/VGA, Dual LANs
EP100 AXIOMTEK-EP100_17 Datasheet
269Kb / 1P
EPIC SBC with AMD G-Series APU, AMD A50M FCH, Dual DisplayPort/VGA/LVDS
EBOX532-100-FL AXIOMTEK-EBOX532-100-FL_17 Datasheet
458Kb / 1P
Fanless Embedded System with AMD G-Series APU T40R 1.0 GHz
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL_17 Datasheet
286Kb / 1P
Fanless Embedded System with AMD G-Series APU T40E 1.0 GHz and VGA DisplayPort for Dual Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com