Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSB310 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # DSB310
Description  Supports AMD G-Series APU T40E 1.0 GHz dual core onboard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

DSB310 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  DSB310 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
593
DSB310
Fanless Digital Signage Player Supports
AMD G-Series APU T40E 1.0 GHz dual core
● Fanless operation
● Supports AMD G-Series APU T40E 1.0 GHz dual core onboard
● DDR3-1066/1333 SO-DIMM max. up to 4 GB
● Low power consumption
● Displayport & VGA
● 1 2.5" SATA drive bay & 1 CF
● Optional wireless LAN module
● Supports wall mount and VESA mount
Specifications
Ordering Information
Standard Color
Black/Grey
Construction
Aluminum extrusion and heauy-duty steel
CPU
AMD G-Series APU T40E 1.0 GHz dual core onboard
Chipset
AMD Fusion Controller Hub A50M
System Memory
1 x 204-pin DDR3-1066/1333 SO-DIMM max. up to 4 GB
Storage
1 x 2.5" SATA HDD
1 x CompactFlash™
BIOS
AMI
System I/O Outlet
1 x DisplayPort
1 x VGA
2 x USB 2.0
1 x Audio (Line-out/Mic-in)
1 x RS-232
2 x 10/100/1000Mbps Ethernet
1 x Power on/off button
Indicator
1 x LED for system power ON, 1 x LED for HDD
WiFi
Optional 802.11 b/g/n
Expansion Slot
1 x PCI Express Mini Card
Power Supply
12VDC, with AC-DC Adapter
Operating Temperature
0°C ~ +45°C (+32°F ~ +113°F)
Dimensions
186 mm (7.32") (W) x 116 mm (4.56") (D) x 49 mm (1.92") (H)
Packing Dimensions
309 mm (12.17") (W) x 275 mm (10.83") (D) x 106 mm (4.17") (H)
Weight (net/gross)
1.3 kg (2.86 lb)/ 2.3 kg (5.07 lb)
Certification
CE
Standard
DSB310
(P/N: E22L310100)
Fanless digital signage player with AMD G-Series T40E APU
onboard
Optional
Wireless Lan kit
Wi-Fi module and antenna
HDMI cable
Cable for DisplayPort to HDMI
DVI cable
Cable for DisplayPort to DVI
VESA mount kit
Wall mount kit
* Specification and certifications are based on options and may vary.
Features
Fanless
Low Power
7. Ethernet x 2
8. Audio
9. COM (RS-232)
10. VGA
11. 12V DC in
1. Power switch
2. HDD LED
3. Power LED
4. WiFi antenna (optional)
5. DisplayPort
6. USB 2.0 x 2
1
2
3
4
5
6
8
9
11
7
10
Packing
1 x adapter 12V 60W
1 x power cord
4 x M3 screw
1 x driver CD
Optional EOS Installation
Optional OS Installation
Dimensions
Windows
® XP Embedded
Windows
® XP, Windows® 7
DDR3
DDR3
DDR3


Similar Part No. - DSB310

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DSB300 AXIOMTEK-DSB300 Datasheet
545Kb / 1P
Hardware decoder for full HD monitor
logo
IXYS Corporation
DSB30C30PB IXYS-DSB30C30PB Datasheet
103Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Inchange Semiconductor ...
DSB30C30PB ISC-DSB30C30PB Datasheet
297Kb / 2P
Schottky Rectifiers Diode
logo
IXYS Corporation
DSB30C45HB IXYS-DSB30C45HB Datasheet
92Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB30C45PB IXYS-DSB30C45PB Datasheet
99Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results

Similar Description - DSB310

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-A50M AAEON-EMB-A50M Datasheet
354Kb / 2P
Embedded Motherboard with Onboard AMD Fusion APU Processor
logo
List of Unclassifed Man...
EMQ-A50M1 ETC2-EMQ-A50M1 Datasheet
541Kb / 3P
AMD Fusion G-T40E Qseven CPU Module
IMB-A160 ETC2-IMB-A160 Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
IMB-A160-H ETC2-IMB-A160-H Datasheet
1Mb / 2P
AMD Embedded G-Series APU T56N/T48E/T40E
logo
Axiomtek Co., Ltd.
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL_16 Datasheet
238Kb / 1P
AMD G-series APU T40E 1.0 GHz onboard
CAPA111 AXIOMTEK-CAPA111_17 Datasheet
225Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A50M, LVDS/VGA, Dual LANs
CAPA112 AXIOMTEK-CAPA112_17 Datasheet
293Kb / 1P
3.5 Embedded SBC with AMD G-Series APU, AMD A55E, LVDS/VGA, Dual LANs
EP100 AXIOMTEK-EP100_17 Datasheet
269Kb / 1P
EPIC SBC with AMD G-Series APU, AMD A50M FCH, Dual DisplayPort/VGA/LVDS
EBOX532-100-FL AXIOMTEK-EBOX532-100-FL_17 Datasheet
458Kb / 1P
Fanless Embedded System with AMD G-Series APU T40R 1.0 GHz
EBOX550-100-FL AXIOMTEK-EBOX550-100-FL_17 Datasheet
286Kb / 1P
Fanless Embedded System with AMD G-Series APU T40E 1.0 GHz and VGA DisplayPort for Dual Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com