Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS6081 Datasheet (PDF) - Semtech Corporation

GS6081 Datasheet PDF - Semtech Corporation
Part # GS6081
Download  GS6081 Download
File Size   767.82 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables

GS6081 Datasheet (PDF)

Go To PDF Page Download Datasheet
GS6081 Datasheet PDF - Semtech Corporation

Part # GS6081
Download  GS6081 Click to download

File Size   767.82 Kbytes
Page   19 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description high-speed BiCMOS integrated circuit designed to drive one to four 75Ω coaxial cables

GS6081 Datasheet (HTML) - Semtech Corporation


GS6081 Product details

Description
The GS6081 is a high-speed BiCMOS integrated circuit
designed to drive one to four 75Ω coaxial cables.
The GS6081 may drive data rates up to 5.94Gb/s and
provides two selectable slew rates in order to achieve
compliance to SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259.
The GS6081 accepts industry-standard differential input
levels including LVPECL and CML.
Input trace equalization compensates for up to 10 inches of
FR4 trace loss while in HD, 3G and UHD modes. This feature
is enabled and disabled using the EQ_EN pin.
The DISABLE1 and DISABLE2 pins power-down the first and
second output drivers respectively, leaving the serial data
outputs in a high-impedance state. When applied
simultaneously, the entire device is powered-down.
The GS6081 features adjustable output swing using an
external bias resistor. The single-ended output swing is
adjustable from 500mVpp to 1040mVpp.
An output signal presence function, the SP pin, indicates
whether an active signal is present at the output of the
GS6081.
The GS6081 can be powered from either a +3.3V or a +2.5V
supply. Power consumption is typically 135mW using a
+2.5V power supply with one output enabled.
The GS6081 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.

Features
• Supports data rates from 270Mb/s to 5.94Gb/s
• SMPTE ST 424, SMPTE ST 292 and SMPTE ST 259
compliant
• Supports DVB-ASI at 270Mb/s
• Wide common-mode range input buffer
Š 100mV sensitivity
Š supports DC-coupling to industry-standard
differential logic
Š on-chip 100Ω differential data input termination
• Input signal trace equalization
• Dual differential coaxial-cable-driving outputs
Š selectable slew rates
Š adjustable output swing from 500mVpp to
1040mVpp
Š independent disable controls for each output
• Robust signal presence function
• Excellent output eye quality
• Power supply operation at +3.3V or +2.5V
• 135mW power consumption (+2.5V supply)
• Operating temperature range: -40°C to +85°C
• Small footprint QFN package (4mm x 4mm)
Š new dual-output pin out
Š use the GS6080 for a single-output variant that is
drop-in compatible to the GS2988
• Pb-free and RoHS compliant

Applications
• 6G UHD-SDI, SMPTE ST 424, SMPTE ST 292 and
SMPTE ST 259 coaxial cable serial digital interfaces




Similar Part No. - GS6081

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS6080 SEMTECH-GS6080 Datasheet
716Kb / 19P
Input signal trace equalization
GS6080-INE3 SEMTECH-GS6080-INE3 Datasheet
716Kb / 19P
Input signal trace equalization
GS6080-INTE3 SEMTECH-GS6080-INTE3 Datasheet
716Kb / 19P
Input signal trace equalization
More results


Similar Description - GS6081

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
ONE TO FOUR HCSL CLOCK BUFFER
logo
Renesas Technology Corp
PC2807 RENESAS-PC2807_15 Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
UPC1933 RENESAS-UPC1933 Datasheet
341Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1934 RENESAS-UPC1934 Datasheet
360Kb / 22P
BiCMOS INTEGRATED CIRCUIT
1998
UPC1935 RENESAS-UPC1935 Datasheet
352Kb / 30P
BiCMOS INTEGRATED CIRCUIT
1998
UPC2807 RENESAS-UPC2807 Datasheet
183Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2000
UPC2807H RENESAS-UPC2807H Datasheet
210Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPC2918 RENESAS-UPC2918 Datasheet
403Kb / 10P
BiCMOS INTEGRATED CIRCUIT
2002
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
UPD5740T6N RENESAS-UPD5740T6N Datasheet
403Kb / 22P
SiGe BiCMOS INTEGRATED CIRCUIT
2009
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com