Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT54ACS164245SEIUCC Datasheet (PDF) - Aeroflex Circuit Technology

UT54ACS164245SEIUCC Datasheet PDF - Aeroflex Circuit Technology
Part # UT54ACS164245SEIUCC
Download  UT54ACS164245SEIUCC Download
File Size   153.88 Kbytes
Page   16 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver

UT54ACS164245SEIUCC Datasheet (PDF)

Go To PDF Page Download Datasheet
UT54ACS164245SEIUCC Datasheet PDF - Aeroflex Circuit Technology

Part # UT54ACS164245SEIUCC
Download  UT54ACS164245SEIUCC Click to download

File Size   153.88 Kbytes
Page   16 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver

UT54ACS164245SEIUCC Datasheet (HTML) - Aeroflex Circuit Technology


UT54ACS164245SEIUCC Product details

DESCRIPTION
The 16-bit wide UT54ACS164245SEI MultiPurpose transceiver is built using Aeroflex’s CRH technology. This high speed, low power UT54ACS164245SEI transceiver is designed to perform multiple functions including: asynchronous two-way communication, schmitt input buffering, voltage translation, cold and warm sparing.

FEATURES
 • Flexible voltage operation
    - 5V bus to 3.3V bus; 5V bus to 5V bus
    - 3.3V bus to 5V bus; 3.3V bus to 3.3V bus
 • Cold sparing
    - 1MΩ minimum input impedance power-off
 • Warm sparing
    - Guaranteed output tri-state while one power supply is "off" and the other is "on"
    - 1MΩ minimum input impedance power-off
 • 0.6μm CRH CMOS Technology
 • Operational Environment:
    - Total dose: 100 krads(Si)
    - Single Event Latchup immune
 • High speed, low power consumption
 • Schmitt trigger inputs to filter noisy signals
 • Available QML Q or V processes
 • Standard Microcircuit Drawing 5962-98580
    - Device Types 06 and 07
 • Package:
    - 48-lead flatpack, 25 mil pitch (.390 x .640), wgt 1.4 grams




Similar Part No. - UT54ACS164245SEIUCC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACS164245S AEROFLEX-UT54ACS164245S Datasheet
106Kb / 14P
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SCC AEROFLEX-UT54ACS164245SCC Datasheet
106Kb / 14P
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SPC AEROFLEX-UT54ACS164245SPC Datasheet
106Kb / 14P
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
UT54ACS164245SWC AEROFLEX-UT54ACS164245SWC Datasheet
106Kb / 14P
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
More results


Similar Description - UT54ACS164245SEIUCC

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Aeroflex Circuit Techno...
UT54ACS164245S AEROFLEX-UT54ACS164245S Datasheet
106Kb / 14P
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
logo
Pericom Semiconductor C...
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
logo
Aeroflex Circuit Techno...
UT54ACS162245SLV AEROFLEX-UT54ACS162245SLV Datasheet
215Kb / 13P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Low Voltage Transceiver
UT54ACS164646S AEROFLEX-UT54ACS164646S Datasheet
170Kb / 19P
Schmitt CMOS 16-bit Bidirectional MultiPurpose Registered Transceiver
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com