Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28303-1 Datasheet (PDF) - Micrel Semiconductor

MIC28303-1 Datasheet PDF - Micrel Semiconductor
Part # MIC28303-1
Download  MIC28303-1 Download
File Size   2739.78 Kbytes
Page   33 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 50V 3A Power Module

MIC28303-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC28303-1 Datasheet PDF - Micrel Semiconductor

Part # MIC28303-1
Download  MIC28303-1 Click to download

File Size   2739.78 Kbytes
Page   33 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 50V 3A Power Module

MIC28303-1 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC28303-1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28303-1YMP MICROCHIP-MIC28303-1YMP Datasheet
1Mb / 38P
50V, 3A Power Module
07/14/15
More results


Similar Description - MIC28303-1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1797 ROHM-2SA1797 Datasheet
99Kb / 3P
Power Transistor (-50V, -3A)
2SD1760 ROHM-2SD1760 Datasheet
77Kb / 3P
Power Transistor 50V, 3A
2SB1308 ROHM-2SB1308 Datasheet
61Kb / 3P
Power Transistor (-50V, -3A)
2SD1762 ROHM-2SD1762 Datasheet
153Kb / 4P
Power Transistor (50V, 3A)
logo
Suntac Electronic Corp.
2SA1797 SUNTAC-2SA1797 Datasheet
85Kb / 2P
Power Transistor (-50V, -3A)
logo
Rohm
2SD1760 ROHM-2SD1760_09 Datasheet
176Kb / 4P
Power Transistor (50V, 3A)
2SD1864 ROHM-2SD1864 Datasheet
147Kb / 4P
Power Transistor (50V, 3A)
2SD1760TLR ROHM-2SD1760TLR Datasheet
81Kb / 3P
Power Transistor (50V, 3A)
2SA1797T100P ROHM-2SA1797T100P Datasheet
171Kb / 3P
Power Transistor -50V, -3A
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
50V, 3A Power Module
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com