Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5NB-EL Datasheet (PDF) - Omron Electronics LLC

G5NB-EL Datasheet PDF - Omron Electronics LLC
Part # G5NB-EL
Download  G5NB-EL Download
File Size   250.26 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description A slim compact Relay with 7 A switching capacity

G5NB-EL Datasheet (PDF)

Go To PDF Page Download Datasheet
G5NB-EL Datasheet PDF - Omron Electronics LLC

Part # G5NB-EL
Download  G5NB-EL Click to download

File Size   250.26 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description A slim compact Relay with 7 A switching capacity

G5NB-EL Datasheet (HTML) - Omron Electronics LLC




Similar Part No. - G5NB-EL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5NB-E OMRON-G5NB-E Datasheet
229Kb / 4P
A Miniature Relay with 1-pole 5 A Switching Capability and 10 kV Impulse Withstand Voltage
More results


Similar Description - G5NB-EL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
2 Form A slim power relay
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
fujitsu semiconductor
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Omron Electronics LLC
G5NB-1ADC12 OMRON-G5NB-1ADC12 Datasheet
538Kb / 6P
A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
G5Q-1A4-DC24 OMRON-G5Q-1A4-DC24 Datasheet
497Kb / 5P
A Miniature Power Relay with 1-pole 10A Switching Capacity
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
Up to 30 A switching capacity in compact package.
G5NB-1A-DC5 OMRON-G5NB-1A-DC5 Datasheet
538Kb / 6P
A Slim Compact Relay with 3 A Switching Capability and 10-kV Impulse Withstand Voltage
logo
Panasonic Semiconductor
SFS6-PS PANASONIC-SFS6-PS Datasheet
2Mb / 9P
Slim compact safety relay
logo
Omron Electronics LLC
G6DN OMRON-G6DN Datasheet
131Kb / 4P
SPST Slim Power Relay for 5 A switching
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
High capacity in a slim SIL package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com