Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUZ73 Datasheet (PDF) - Inchange Semiconductor Company Limited

BUZ73 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUZ73
Download  BUZ73 Download
File Size   66.46 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

BUZ73 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUZ73 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUZ73
Download  BUZ73 Click to download

File Size   66.46 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching Speed

BUZ73 Datasheet (HTML) - Inchange Semiconductor Company Limited


BUZ73 Product details

DESCRIPTION
• Drain Current –ID= 7A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 200V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 0.4Ω(Max)
• Fast Switching Speed
• Low Drive Requirement

APPLICATIONS
• switching regulators, switching converters
• motor drivers,relay drivers and drivers for high-power
   Bipolar switching transistors reguiring high speed and
   gate-driver power.




Similar Part No. - BUZ73

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ73 SIEMENS-BUZ73 Datasheet
187Kb / 9P
SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ73 INFINEON-BUZ73 Datasheet
88Kb / 8P
SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ73A SIEMENS-BUZ73A Datasheet
182Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ73A INFINEON-BUZ73A Datasheet
86Kb / 8P
SIPMOS Power Transistor
05.99
More results


Similar Description - BUZ73

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com