Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1590K Datasheet (PDF) - Rohm

2SB1590K Datasheet PDF - Rohm
Part # 2SB1590K
Download  2SB1590K Download
File Size   71.32 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (-15V, -1A)

2SB1590K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1590K Datasheet PDF - Rohm

Part # 2SB1590K
Download  2SB1590K Click to download

File Size   71.32 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (-15V, -1A)

2SB1590K Datasheet (HTML) - Rohm


2SB1590K Product details

Features

1) Low saturation voltage, VCE(sat)=-300mV(Max.) at IC/IB=-400mA/-20mA

2) Complementary NPN Types : 2SD2444K



Application

    LOW FREQUENCY AMPLIFIER




Similar Part No. - 2SB1590K

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SB1590K FOSHAN-2SB1590K Datasheet
712Kb / 6P
Silicon PNP transistor in a SOT-23 Plastic Package
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
1Mb / 8P
Low frequency amplifier
20160303 - Rev.001
2SB1590KT146Q ROHM-2SB1590KT146Q Datasheet
1Mb / 8P
Low frequency amplifier
20160303 - Rev.001
2SB1590K ROHM-2SB1590K_V01 Datasheet
1Mb / 8P
Low frequency amplifier
20160303 - Rev.001
More results


Similar Description - 2SB1590K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
15V, 1A Rectifier
logo
Rohm
2SD1757K ROHM-2SD1757K Datasheet
76Kb / 4P
Power Transistor (15V, 0.5A)
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
Power Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
Muting Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S_09 Datasheet
164Kb / 4P
Muting Transistor (15V, 1A)
2SD2444K ROHM-2SD2444K_1 Datasheet
74Kb / 3P
Power Transistor (15V, 1A)
2SD1757KT146Q ROHM-2SD1757KT146Q Datasheet
67Kb / 4P
Power Transistor (15V, 0.5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com