Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1468S Datasheet (PDF) - Rohm

2SD1468S Datasheet PDF - Rohm
Part # 2SD1468S
Download  2SD1468S Download
File Size   73.91 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Muting Transistor (15V, 1A)

2SD1468S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1468S Datasheet PDF - Rohm

Part # 2SD1468S
Download  2SD1468S Click to download

File Size   73.91 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Muting Transistor (15V, 1A)

2SD1468S Datasheet (HTML) - Rohm




Similar Part No. - 2SD1468S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1468S ROHM-2SD1468S Datasheet
164Kb / 4P
Muting Transistor (15V, 1A)
logo
SeCoS Halbleitertechnol...
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
NPN Plastic-Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SD1468S JIANGSU-2SD1468S Datasheet
636Kb / 3P
TO-92S Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD1468S-Q SECOS-2SD1468S-Q Datasheet
52Kb / 1P
NPN Plastic-Encapsulated Transistor
2SD1468S-R SECOS-2SD1468S-R Datasheet
52Kb / 1P
NPN Plastic-Encapsulated Transistor
More results


Similar Description - 2SD1468S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
15V, 1A Rectifier
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
Power Transistor (-15V, -1A)
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
Power Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S_09 Datasheet
164Kb / 4P
Muting Transistor (15V, 1A)
2SD2444K ROHM-2SD2444K_1 Datasheet
74Kb / 3P
Power Transistor (15V, 1A)
logo
ON Semiconductor
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
15C02MH ONSEMI-15C02MH Datasheet
368Kb / 6P
Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com