Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFSS Datasheet (PDF) - Samtec, Inc

QFSS Datasheet PDF - Samtec, Inc
Part # QFSS
Download  QFSS Download
File Size   278.18 Kbytes
Page   7 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch

QFSS Datasheet (PDF)

Go To PDF Page Download Datasheet
QFSS Datasheet PDF - Samtec, Inc

Part # QFSS
Download  QFSS Click to download

File Size   278.18 Kbytes
Page   7 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch

QFSS Datasheet (HTML) - Samtec, Inc




Similar Part No. - QFSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QFSS-016-04.25-L-D-DP-A SAMTEC-QFSS-016-04.25-L-D-DP-A Datasheet
243Kb / 6P
QFSS-052-04.25-X-D-A-PC4 DESIGN SHOWN
QFSS-026-04.25-L-D-A SAMTEC-QFSS-026-04.25-L-D-A Datasheet
429Kb / 1P
SHIELDED GROUND PLANE SOCKET
More results


Similar Description - QFSS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFM-PA080-S931-345-FA DDK-DFM-PA080-S931-345-FA Datasheet
290Kb / 3P
0.635??Pitch Stacking Shielded Connector
logo
Yamaichi Electronics Co...
YFT-41-250-A YAMAICHI-YFT-41-250-A Datasheet
243Kb / 3P
Shielded High Speed FFC
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
Single row solder tails with 0.635 mm spacing
logo
Samtec, Inc
ERF5 SAMTEC-ERF5 Datasheet
682Kb / 8P
0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
LSEM SAMTEC-LSEM Datasheet
675Kb / 8P
0,80 mm (.0315?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
QMS SAMTEC-QMS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QMSS SAMTEC-QMSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QSE SAMTEC-QSE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com