Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFSS Datasheet(PDF) 4 Page - Samtec, Inc

Part # QFSS
Description  QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QFSS Datasheet(HTML) 4 Page - Samtec, Inc

  QFSS Datasheet HTML 1Page - Samtec, Inc QFSS Datasheet HTML 2Page - Samtec, Inc QFSS Datasheet HTML 3Page - Samtec, Inc QFSS Datasheet HTML 4Page - Samtec, Inc QFSS Datasheet HTML 5Page - Samtec, Inc QFSS Datasheet HTML 6Page - Samtec, Inc QFSS Datasheet HTML 7Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Product Specification
Series:
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
© 2004 Samtec, Inc.
Reviewed by:
JET
Revision: B
Specification:
PSQ-005
Approved by:
JT
Date:2/16/2011
Checked by:
JE
Page 4
7.0 HIGH FREQUENCY PERFORMANCE
7.1 Empirical Boundaries on Performance with Sinusoidal Signals
7.1.1
DV configuration, readings based on
3dB insertion loss frequency.
7.1.2
System Impedance: 50Ω and 100Ω for Single-Ended and Differential
Pair respectively.
7.1.3
For complete test information, click HERE
7.2 QMSS/QFSS, Single-Ended Signaling
QMSS/QFSS, Single-Ended Signaling
Socket
Header
Mated
Height
Configuration
Signaling
Performance
QFSS-026-01-L-D-A
QMSS-026-11-L-D-A
11mm
Standard
Single-Ended
6.0 GHz
7.3 QMSS-DP/QFSS-DP Differential Pair Signaling
QMSS-DP/QFSS-DP Differential Pair Signaling
Socket
Header
Mated
Height
Configuration
Signaling
Performance
QFSS-026-01-L-D-DP-A
QMSS-026-11-L-D-DP-A
11mm
-DP
Differential Pair
7.5GHz
For additional information, contact Samtec Signal Integrity Group
sig@samtec.com or 1-(800)-726-8329.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com