Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7008S Datasheet (PDF) - Integrated Device Technology

IDT7008S Datasheet PDF - Integrated Device Technology
Part # IDT7008S
Download  IDT7008S Download
File Size   167.08 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM

IDT7008S Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT7008S Datasheet PDF - Integrated Device Technology

Part # IDT7008S
Download  IDT7008S Click to download

File Size   167.08 Kbytes
Page   19 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM

IDT7008S Datasheet (HTML) - Integrated Device Technology


IDT7008S Product details

Description 
The IDT7008 is a high-speed 64K x 8 Dual-Port Static RAM. The IDT7008 is designed to be used as a stand-alone 512K-bit Dual-Port RAM or as a combination MASTER/SLAVE Dual-Port RAM for 16-bit-or-more word systems. Using the IDT MASTER/SLAVE Dual-Port RAM approach in 16-bit or wider memory system applications results in full-speed, error-free operation without the need for additional discrete logic.

Features
◆ True Dual-Ported memory cells which allow simultaneous reads of the same memory location
◆ High-speed access
   – Military: 25/35/55ns (max.)
   – Industrial: 55ns (max.)
   – Commercial: 20/25/35/55ns (max.)
◆ Low-power operation
   – IDT7008S
      Active: 750mW (typ.)
      Standby: 5mW (typ.)
   – IDT7008L
      Active: 750mW (typ.)
      Standby: 1mW (typ.)
◆ Dual chip enables allow for depth expansion without external logic
◆ IDT7008 easily expands data bus width to 16 bits or more using the Master/Slave select when cascading more than one device
◆ M/S = VIH for BUSY output flag on Master, M/S = VIL for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in 84-pin PGA, 84-pin PLCC, and a 100-pin TQFP
◆ Industrial temperature range (–40°C to +85°C) is available for selected speeds




Similar Part No. - IDT7008S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7008S IDT-IDT7008S Datasheet
717Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S Datasheet
181Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT7008S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V08S IDT-IDT70V08S Datasheet
163Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_15 Datasheet
662Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_16 Datasheet
717Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT7008S IDT-IDT7008S_18 Datasheet
181Kb / 20P
HIGH-SPEED 64K x 8 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V08 RENESAS-70V08 Datasheet
363Kb / 22P
HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
MAY 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com