Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4417ESA Datasheet (PDF) - Maxim Integrated Products

MAX4417ESA Datasheet PDF - Maxim Integrated Products
Part # MAX4417ESA
Download  MAX4417ESA Download
File Size   539.56 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs

MAX4417ESA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4417ESA Datasheet PDF - Maxim Integrated Products

Part # MAX4417ESA
Download  MAX4417ESA Click to download

File Size   539.56 Kbytes
Page   22 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, 3V/5V, 400MHz Single-Supply Op Amps with Rail-to-Rail Outputs

MAX4417ESA Datasheet (HTML) - Maxim Integrated Products


MAX4417ESA Product details

General Description

The MAX4414–MAX4419 operational amplifiers combine high-speed performance, low distortion, and ultra low supply current. Consuming just 1.6mA of supply current per amplifier, these devices operate from a single +2.7V to +5.5V supply, have Rail-to-Rail® outputs, and exhibit a common-mode input voltage range that extends from 100mV below ground to within 1.5V of the positive supply rail.



Features

♦ Ultra-Low 1.6mA Supply Current

♦ Single +3V/+5V Operation

♦ High Speed

  400MHz -3dB Bandwidth (MAX4414/MAX4416/MAX4418)

  200V/µs Slew Rate (MAX4414/MAX4416/MAX4418)

  150MHz -3dB Bandwidth (MAX4415/MAX4417/MAX4419)

  470V/µs Slew Rate (MAX4415/MAX4417/MAX4419)

♦ Rail-to-Rail Outputs

♦ Input Common-Mode Range Extends Beyond VEE

♦ Low Differential Gain/Phase: 0.03%/0.15°

♦ Low Distortion at 5MHz (MAX4414/MAX4416/MAX4418)

-93dBc SFDR

0.003% Total Harmonic Distortion

♦ Low Cost




Similar Part No. - MAX4417ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX4410 MAXIM-MAX4410 Datasheet
122Kb / 4P
No DC-Blocking Capacitors Required
Rev. 0; 7/02
logo
Analog Devices
MAX4410 AD-MAX4410 Datasheet
729Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2 10/02
MAX4410EBE-T AD-MAX4410EBE-T Datasheet
729Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2 10/02
logo
Maxim Integrated Produc...
MAX4410EUD MAXIM-MAX4410EUD Datasheet
865Kb / 20P
80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
More results


Similar Description - MAX4417ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
MAX4452 MAXIM-MAX4452 Datasheet
655Kb / 15P
Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 2/01
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX9636 MAXIM-MAX9636 Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 0; 6/10
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
MAX9636 MAXIM-MAX9636_V01 Datasheet
845Kb / 12P
3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
2019
MAX4452 MAXIM-MAX4452_V01 Datasheet
765Kb / 19P
Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com