Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CH1786 Datasheet (PDF) - List of Unclassifed Manufacturers

CH1786 Datasheet PDF - List of Unclassifed Manufacturers
Part # CH1786
Download  CH1786 Download
File Size   543.92 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CH1786 Family of Ultra Small 2400bps Modems

CH1786 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH1786 Datasheet PDF - List of Unclassifed Manufacturers

Part # CH1786
Download  CH1786 Click to download

File Size   543.92 Kbytes
Page   18 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CH1786 Family of Ultra Small 2400bps Modems

CH1786 Datasheet (HTML) - List of Unclassifed Manufacturers


CH1786 Product details

[Cermetek]

INTRODUCTION
The CH1786 family of modems are a full function, FCC Part 68 approved 2400bps modem. These modems provide a fast, easy and flexible way to integrate a modem into any OEM product while utilizing the minimum amount of PCB space (1.01 ”x 1.27 ”x 0.52 ”). The CH1786 family only requires two external interfaces: a CCITT V.24 serial interface that can be routed directly to a UART, and a Tip and Ring interface which goes directly to an RJ-11 jack for the PSTN line connection. The CH1786 can be controlled with industry standard AT commands and, hence, is compatible with available industry communication software.

FEATURES
• Supports Standards CCITT V.22bis,V.22,Bell 212,and Bell 103
• FCC Part 68 approved and DOT CSA CS-03 Part I approvable
• UL 1950 and CSA C22.2 950 Listed
• UL File Number: E104957
• AT Command structure with extensions
• 1500 VAC RMS isolation barrier minimum, 2122V peak surge protection minimum
• Single 5 volt operation
• Low power operation with automatic reduced power standby mode
• Automatic adaptive and fixed compromise equalization
• Size: 1.01 ”x 1.27 ”x 0.52 ”(nominal)
• NVRAM allows storage of custom configurations and telephone numbers




Similar Part No. - CH1786

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CH1701S CVILUX-CH1701S Datasheet
103Kb / 1P
1.50MM(.059") SINGLE ROW BOARD MOUNT CONNECTOR
logo
Winsonic Electronics
CH1703-EN25L0 WINSONIC-CH1703-EN25L0 Datasheet
101Kb / 1P
Chassis VRknob at front bezel, 17" LCD monitor, 1280 x 1024, LED 250 nits, VGA input
CH1703-EN35L1 WINSONIC-CH1703-EN35L1 Datasheet
101Kb / 1P
Chassis VRknob at front bezel, 17" LCD monitor, 1280 x 1024, LED 350 nits, VGA input, wide temperature.
CH1703-ENA0L0 WINSONIC-CH1703-ENA0L0 Datasheet
101Kb / 1P
Chassis VRknob at front bezel, 17" LCD monitor, 1280 x 1024, LED 1000 nits, VGA input
CH1703-ENA0L1 WINSONIC-CH1703-ENA0L1 Datasheet
101Kb / 1P
Chassis VRknob at front bezel, 17" LCD monitor, 1280 x 1024, LED 1000 nits, VGA input, wide temperature.
More results


Similar Description - CH1786

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2401L ETC-XE2401L Datasheet
80Kb / 12P
2400bps Serial Input Component Modem
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
switchable modems
logo
RF Monolithics, Inc
HN-208 RFM-HN-208 Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
logo
Murata Manufacturing Co...
HN-208E MURATA-HN-208E Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
HN-208I MURATA-HN-208I Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
HN-208S MURATA-HN-208S Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
HN-208SX MURATA-HN-208SX Datasheet
240Kb / 3P
Family of 802.11b Wireless Data Modems
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
Modems PBX Telecommunications
logo
ISOCOM COMPONENTS
IS627 ISOCOM-IS627 Datasheet
76Kb / 3P
Modems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com